Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA9211 Datasheet HTML 1Page - Dialog Semiconductor DA9211 Datasheet HTML 2Page - Dialog Semiconductor DA9211 Datasheet HTML 3Page - Dialog Semiconductor DA9211 Datasheet HTML 4Page - Dialog Semiconductor DA9211 Datasheet HTML 5Page - Dialog Semiconductor DA9211 Datasheet HTML 6Page - Dialog Semiconductor DA9211 Datasheet HTML 7Page - Dialog Semiconductor DA9211 Datasheet HTML 8Page - Dialog Semiconductor DA9211 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
2 of 74
© 2015 Dialog Semiconductor GmbH
3.
Applications
Smartphones, Mobile Phones and Ultra books
Tablet PCs, E-Book Readers and Car
Infotainment
Portable Navigation Devices, TV and Media
players
4.
System diagrams
FBAP
REGISTER
SPACE
OTP
MEMORY
DIGITAL
CORE
2/4-WIRE INTERFACE
VDDIO
BIAS
SUPERV
OSC
GPI1
OUT
nIRQ
4x 0.47µH
4x 10µF
L/C/R PCB
GPI0
1µF
GPI
GPI
100nF
GPIO2
GPIO
VSS_ANA
PoL
FBAN
FBBP
FBBN
4x 22µF
IC_EN
DVS
CTRL
+
DRIVE
Figure 1: DA9211 System diagram


Similar Part No. - DA9211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
DA9211-XXUU2 RENESAS-DA9211-XXUU2 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
DA9211-XXUU6 RENESAS-DA9211-XXUU6 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
More results

Similar Description - DA9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com