Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14581 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA14581
Description  Low Power Bluetooth Smart SoC with optimized boot time
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14581 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA14581 Datasheet HTML 1Page - Dialog Semiconductor DA14581 Datasheet HTML 2Page - Dialog Semiconductor DA14581 Datasheet HTML 3Page - Dialog Semiconductor DA14581 Datasheet HTML 4Page - Dialog Semiconductor DA14581 Datasheet HTML 5Page - Dialog Semiconductor DA14581 Datasheet HTML 6Page - Dialog Semiconductor DA14581 Datasheet HTML 7Page - Dialog Semiconductor DA14581 Datasheet HTML 8Page - Dialog Semiconductor DA14581 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
Datasheet
Revision 3.0
18-Dec-2015
CFR0011-120-00-FM Rev 5
5 of 152
© 2015 Dialog Semiconductor
DA14581
Low Power Bluetooth Smart SoC with optimized boot time
FINAL
Table 1: Pin description
PIN NAME
TYPE
Drive
(mA)
Reset
state
(Note )
DESCRIPTION
General Purpose I/Os
P0_0
P0_1
P0_2
P0_3
P0_4
P0_5
P0_6
P0_7
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contains state retention mechanism
during power down.
P1_0
P1_1
P1_2
P1_3
P1_4/SWCLK
P1_5/SW_DIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PU
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contains state retention mechanism
during power down.
This signal is the JTAG clock by default
This signal is the JTAG data I/O by default
P2_0
P2_1
P2_2
P2_3
P2_4
P2_5
P2_6
P2_7
P2_8
P2_9
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contains state retention mechanism
during power down.
NOTE: This port is only available on the QFN40 package.
P3_0 to P3_7
DIO
4.8
I-PD
Not supported.
Debug interface
SWDIO/P1_5
DIO
4.8
I-PU
INPUT/OUTPUT. JTAG Data input/output. Bidirectional data and
control communication. Can also be used as a GPIO
SW_CLK/
P1_4
DIO
4.8
I-PD
INPUT JTAG clock signal. Can also be used as a GPIO
Clocks
XTAL16Mp
AI
INPUT. Crystal input for the 16 MHz XTAL
XTAL16Mm
AO
OUTPUT. Crystal output for the 16 MHz XTAL
XTAL32kp
AI
INPUT. Crystal input for the 32.768 kHz XTAL
XTAL32km
AO
OUTPUT. Crystal output for the 32.768 kHz XTAL
Quadrature decoder
QD_CHA_X
DI
INPUT. Channel A for the X axis. Mapped on Px ports
QD_CHB_X
DI
INPUT. Channel B for the X axis. Mapped on Px ports
QD_CHA_Y
DI
INPUT. Channel A for the Y axis. Mapped on Px ports
QD_CHB_Y
DI
INPUT. Channel B for the Y axis. Mapped on Px ports
QD_CHA_Z
DI
INPUT. Channel A for the Z axis. Mapped on Px ports
QD_CHB_Z
DI
INPUT. Channel B for the Z axis. Mapped on Px ports
SPI bus interface
SPI_CLK
DO
INPUT/OUTPUT. SPI Clock. Mapped on Px ports
SPI_DI
DI
INPUT. SPI Data input. Mapped on Px ports


Similar Part No. - DA14581

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14581 RENESAS-DA14581 Datasheet
190Kb / 4P
   Revision History
30-Dec-2021
logo
Dialog Semiconductor
DA14581-00000VRA DIALOG-DA14581-00000VRA Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT1 DIALOG-DA14581-00AT1 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT2 DIALOG-DA14581-00AT2 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00UNA DIALOG-DA14581-00UNA Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
More results

Similar Description - DA14581

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com