Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14581 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # DA14581
Description  Low Power Bluetooth Smart SoC with optimized boot time
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14581 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button DA14581 Datasheet HTML 2Page - Dialog Semiconductor DA14581 Datasheet HTML 3Page - Dialog Semiconductor DA14581 Datasheet HTML 4Page - Dialog Semiconductor DA14581 Datasheet HTML 5Page - Dialog Semiconductor DA14581 Datasheet HTML 6Page - Dialog Semiconductor DA14581 Datasheet HTML 7Page - Dialog Semiconductor DA14581 Datasheet HTML 8Page - Dialog Semiconductor DA14581 Datasheet HTML 9Page - Dialog Semiconductor DA14581 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
Datasheet
Revision 3.0
18-Dec-2015
CFR0011-120-00-FM Rev 5
6 of 152
© 2015 Dialog Semiconductor
DA14581
Low Power Bluetooth Smart SoC with optimized boot time
FINAL
SPI_DO
DO
OUTPUT. SPI Data output. Mapped on Px ports
SPI_EN
DI
INPUT. SPI Clock enable. Mapped on Px ports
I2C bus interface
SDA
DIO/DIOD
INPUT/OUTPUT. I2C bus Data with open drain port. Mapped on
Px ports
SCL
DIO/DIOD
INPUT/OUTPUT. I2C bus Clock with open drain port. In open
drain mode, SCL is monitored to support bit stretching by a
slave. Mapped on Px ports.
UART interface
UTX
DO
OUTPUT. UART transmit data. Mapped on Px ports
URX
DI
INPUT. UART receive data. Mapped on Px ports
URTS
DO
OUTPUT. UART Request to Send. Mapped on Px ports
UCTS
DI
INPUT. UART Clear to Send. Mapped on Px ports
UTX2
DO
OUTPUT. UART 2 transmit data. Mapped on Px ports
URX2
DI
INPUT. UART 2 receive data. Mapped on Px ports
URTS2
DO
OUTPUT. UART 2 Request to Send. Mapped on Px ports
UCTS2
DI
INPUT. UART 2 Clear to Send. Mapped on Px ports
Analog interface
ADC[0]
AI
INPUT. Analog to Digital Converter input 0. Mapped on P0[0]
ADC[1]
AI
INPUT. Analog to Digital Converter input 1. Mapped on P0[1]
ADC[2]
AI
INPUT. Analog to Digital Converter input 2. Mapped on P0[2]
ADC[3]
AI
INPUT. Analog to Digital Converter input 3. Mapped on P0[3]
Radio transceiver
RFIOp
AIO
RF input/output. Impedance 50

RFIOm
AIO
RF ground
Miscellaneous
RST
DI
INPUT. Reset signal (active high). Must be connected to GND if
not used.
VBAT_RF
AIO
Connect to VBAT3V on the PCB
VDCDC_RF
AIO
Connect to VDCDC on the PCB
VPP
AI
INPUT. This pin is used while OTP programming and testing.
OTP programming: VPP = 6.7 V ± 0.1 V
OTP Normal operation: leave VPP floating
Power supply
VBAT3V
AIO
INPUT/OUTPUT. Battery connection. Used for a single coin bat-
tery (3 V). If an alkaline or a NiMH battery (1.5 V) is attached to
pin VBAT1V, this is the second output of the DC-DC converter.
VBAT1V
AI
INPUT. Battery connection. Used for an alkaline or a NiMh bat-
tery (1.5 V). If a single coin battery (3 V) is attached to pin
VBAT3V,this pin must be connected to GND.
SWITCH
AIO
INPUT/OUTPUT. Connection for the external DC-DC converter
inductor.
VDCDC
AO
Output of the DC-DC converter
GND
AIO
-
-
Ground
Table 1: Pin description
PIN NAME
TYPE
Drive
(mA)
Reset
state
(Note )
DESCRIPTION


Similar Part No. - DA14581

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14581 RENESAS-DA14581 Datasheet
190Kb / 4P
   Revision History
30-Dec-2021
logo
Dialog Semiconductor
DA14581-00000VRA DIALOG-DA14581-00000VRA Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT1 DIALOG-DA14581-00AT1 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT2 DIALOG-DA14581-00AT2 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00UNA DIALOG-DA14581-00UNA Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
More results

Similar Description - DA14581

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com