Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14583 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA14583 Datasheet HTML 5Page - Dialog Semiconductor DA14583 Datasheet HTML 6Page - Dialog Semiconductor DA14583 Datasheet HTML 7Page - Dialog Semiconductor DA14583 Datasheet HTML 8Page - Dialog Semiconductor DA14583 Datasheet HTML 9Page - Dialog Semiconductor DA14583 Datasheet HTML 10Page - Dialog Semiconductor DA14583 Datasheet HTML 11Page - Dialog Semiconductor DA14583 Datasheet HTML 12Page - Dialog Semiconductor DA14583 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
© 2014 Dialog Semiconductor
9
Target - March 06, 2015 v1.1
Core drivers are provided for each interface of the
DA14580 enabling optimized usage of the hardware’s
capabilities. These drivers provide an easy-to-use
interface towards the hardware engines without having
to interfere with the register programming directly.
On top of the core drivers, a number of sample drivers
is also provided enabling communication with basic
Bluetooth Smart application components: accelerome-
ters, FLASH/EEPROM non-volatile memories, etc.
3.3 MEMORIES
The following memories are part of the DA14580’s
internal blocks:
ROM. This is a 84 kB ROM containing the Bluetooth
Smart protocol stack as well as the boot code
sequence.
OTP: This is a 32 kB One-Time Programmable mem-
ory array used to store the secondary boot loader,
which loads the application code from Flash memory
after power/wake up. The OTP memory also contains
the system configuration and the calibration data.
System SRAM. This is a 42 kB system SRAM (Sys-
RAM) which is primarily used for mirroring the program
code from the OTP when the system wakes/powers
up. It also serves as Data RAM for intermediate varia-
bles and various data that the protocol requires.
Optionally, it can be used as extra memory space for
the BLE TX and RX data structures.
Retention RAMs. These are 4 special low leakage
SRAM cells (2 kB + 2 kB + 3 kB + 1 kB) used to store
various data of the Bluetooth Smart protocol as well as
the system’s global variables and processor stack
when the system goes into Extended Sleep mode.
Storage of this data ensures secure and quick configu-
ration of the BLE Core after the system wakes up.
Every cell can be powered on or off according to the
application needs for retention area when in Extended
Sleep mode.
Flash. This is a 1 Mbit Flash memory, which is used to
store the application code and code for all supported
Bluetooth Smart profiles.
3.4 FUNCTIONAL MODES
The DA14583 is optimized for deeply embedded appli-
cations such as health monitoring, sports measuring,
human interaction devices etc. Customers are able to
develop and test their own applications. Upon comple-
tion of the development, the application code can be
programmed into the Flash memory. In general, the
system has three functional modes of operation:
A. Development mode: During this phase application
code is developed using the ARM Cortex-M0 SW envi-
ronment. The compiled code is then downloaded into
the System RAM or any Retention RAMs by means of
SWD (JTAG) or any serial interface (e.g. UART).
Address 0x00 is remapped to the physical memory that
contains the code and the CPU is configured to reset
and execute code from the remapped device. This
mode is enabling application development, debugging
and on-the-fly testing.
B. Normal mode: When the application is ready and
has been verified, the code can be burned into the
embedded Flash memory. When the system boots/
wakes up, the DMA of the OTP controller will automati-
cally copy the secondary boot loader from OTP to sys-
tem RAM. This boot loader then copies the content of
the Flash memory into system RAM. Next, a software
reset or a jump to the system RAM occurs and execu-
tion of the application code is started. Hence, in this
mode the system is autonomous, contains the required
software in the Flash memory and is ready for integra-
tion into the final product.
C. Calibration mode: Between Development and Nor-
Figure 4 Hardware abstraction layer
GPIO 
Driver
Application
Accelerometer 
Driver
SPI
Driver
UART
Driver
SPI FLASH 
Driver
ADC
Driver
Battery
Driver
Quadrature 
EEPROM
I2C
Driver
Sample 
Drivers
CORE
Drivers
Timers


Similar Part No. - DA14583

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
   Revision History
04-Jan-2022
logo
Dialog Semiconductor
DA14583-01F01AT1 DIALOG-DA14583-01F01AT1 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583-01F01AT2 DIALOG-DA14583-01F01AT2 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
More results

Similar Description - DA14583

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14581 DIALOG-DA14581 Datasheet
1Mb / 152P
   Low Power Bluetooth Smart SoC with optimized boot time
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Dialog Semiconductor
DA14586 DIALOG-DA14586 Datasheet
566Kb / 4P
   Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com