Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14583 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA14583 Datasheet HTML 1Page - Dialog Semiconductor DA14583 Datasheet HTML 2Page - Dialog Semiconductor DA14583 Datasheet HTML 3Page - Dialog Semiconductor DA14583 Datasheet HTML 4Page - Dialog Semiconductor DA14583 Datasheet HTML 5Page - Dialog Semiconductor DA14583 Datasheet HTML 6Page - Dialog Semiconductor DA14583 Datasheet HTML 7Page - Dialog Semiconductor DA14583 Datasheet HTML 8Page - Dialog Semiconductor DA14583 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
© 2014 Dialog Semiconductor
4
Target - March 06, 2015 v1.1
2.
Pinout
The DA14583 comes in a Quad Flat Package No
Leads (QFN) with 40 pins.
The pin/ball assignment is depicted in the following fig-
ure:
Figure 2 QFN40 pin assignment
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
Pin 0: GND
plane
P0_0
P0_1
P0_2
P0_3
VCC_FLASH
P0_4
P2_1
XTAL16Mm
XTAL16Mp
P1_3
P1_2
SW_CLK
SWDIO
P1_1
VBAT1V
10
9
P0_7
21
22
SWITCH
P1_0
DA14583
(Top View)
P0_5
P0_6
Table 1: Ordering information (samples)
Part number
Package
Size (mm)
Shipment form
Pack quantity
DA14583 - 01F01AT1
QFN40
5 x 5
Tray
50
Table 2: Ordering information (production)
Part number
Package
Size (mm)
Shipment form
Pack quantity
DA14583 - 01F01AT2
QFN40
5 x 5
Reel
5000


Similar Part No. - DA14583

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
   Revision History
04-Jan-2022
logo
Dialog Semiconductor
DA14583-01F01AT1 DIALOG-DA14583-01F01AT1 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583-01F01AT2 DIALOG-DA14583-01F01AT2 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
More results

Similar Description - DA14583

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14581 DIALOG-DA14581 Datasheet
1Mb / 152P
   Low Power Bluetooth Smart SoC with optimized boot time
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Dialog Semiconductor
DA14586 DIALOG-DA14586 Datasheet
566Kb / 4P
   Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com