Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34461A Datasheet(PDF) 8 Page - Keysight Technologies

Part # 34461A
Description  Digital Multimeters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34461A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button 34461A Datasheet HTML 4Page - Keysight Technologies 34461A Datasheet HTML 5Page - Keysight Technologies 34461A Datasheet HTML 6Page - Keysight Technologies 34461A Datasheet HTML 7Page - Keysight Technologies 34461A Datasheet HTML 8Page - Keysight Technologies 34461A Datasheet HTML 9Page - Keysight Technologies 34461A Datasheet HTML 10Page - Keysight Technologies 34461A Datasheet HTML 11Page - Keysight Technologies 34461A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
1.
For DC: Specifications are for 60-minute warm-up, aperture of 10 or 100 NPLC, and auto zero on. For AC: Specifications are for 60-minute warm-up,
slow AC filter, sine wave.
2.
20% overrange on all ranges, except 1,000 V DCV, 750 ACV, 3 A AC, and diode test.
3.
Relative to calibration standards.
4.
Add this for each °C outside TCAL ± 5 °C.
5.
Specifications are for sine wave input > 0.3% of range and > 1 mVrms. 750 ACV range limited to 8 x 107 Volt–Hz.
6.
Low-frequency performance: three filter settings are available: 3 Hz, 20 Hz, 200 Hz. Frequencies greater than these filter settings are specified with no
additional errors.
7.
Specifications are for 4–wire ohms function or 2–wire ohms using math null for offset. Without math null, add 0.2 Ω additional error in 2-wire ohms function.
8.
Specifications are for sinewave input > 1% of range and > 10 µA AC.
9.
Specifications are for the voltage measured at the input terminals. The 1 mA test current is typical. Variation in the current source will create some
variation in the voltage drop across a diode junction.
10. Actual measurement range and probe errors will be limited by the selected probe. Probe accuracy adder includes all measurement and ITS-90 temperature
conversion errors PT100 Ro settable to 100 Ω ± 5 Ω to remove the initial probe error.
11. Specifications are for 60-minute warm-up and sine wave input unless stated otherwise. Specifications are for 1-second gate time (7 digits).
12. Applies to sine and square inputs ≥ 100 mV. For 10 mV to < 100 mV inputs, multiply % of reading error x10.
13. Amplitude 10% – 120% of range and less than 750 ACV.
14. Square wave input specified for 10 – 300 kHz.
15. Specifications are for using Math Null zeroing. High dissapation factor capacitors may show different results than a single frequency measurement.
Film capacitors usually have lower dissapation factors than other dielectrics.
Specifications 34460A
Range 2/frequency
24 hours 3
T
CAL ± 1 °C
90 days
T
CAL ± 5 °C
1 year
T
CAL ± 5 °C
2 years
T
CAL ± 5 °C
Temperature
coefficient/°C 4
True RMS AC current 2, 6, 8 Burden voltage
100 µA, 1 mA, 10 mA, and
100 mA ranges
< 0.011, < 0.11, < 0.05, < 0.5 V
3 Hz – 5 kHz
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.015 + 0.006
5 – 10 kHz (typ)
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.030 + 0.006
1 A range
< 0.7 V
3 Hz – 5 kHz
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.015 + 0.006
5 – 10 kHz (typ)
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.10 + 0.04
0.030 + 0.006
3 A range
< 2.0 V
3 Hz – 5 kHz
0.23 + 0.04
0.23 + 0.04
0.23 + 0.04
0.23 + 0.04
0.015 + 0.006
5 – 10 kHz (typ)
0.23 + 0.04
0.23 + 0.04
0.23 + 0.04
0.23 + 0.04
0.030 + 0.006
Continuity
1 kΩ
0.002 + 0.030
0.008 + 0.030
0.010 + 0.030
0.012 + 0.030
0.0010 + 0.0020
Diode test 9
5 V
0.002 + 0.030
0.008 + 0.030
0.010 + 0.030
0.012 + 0.030
0.0010 + 0.0020
DC ratio (typ)
(normalized input accuracy) + (normalized reference accuracy)
Temperature 10
PT100 (DIN/ IEC 751)
Probe accuracy + 0.05 °C
5 kΩ thermistor
Probe accuracy + 0.1 °C
Frequency: specification ± (% of reading) 11, 12
100 mV, 1 V, 10 V, 100 V, and 750 V ranges 13
3 Hz – 10 Hz
0.100
0.100
0.100
0.100
0.0002
10 Hz– 100 Hz
0.030
0.030
0.030
0.035
0.0002
100 Hz – 1 kHz
0.030
0.010
0.012
0.017
0.0002
1 Hz– 300 kHz
0.002
0.008
0.012
0.017
0.0002
Square wave 14
0.001
0.008
0.012
0.017
0.0002
Additional gate time errors ± ( % of reading ) 12, 10
Frequency
1 second
0.1 second
0.01 second
3 Hz– 40 Hz
0
0.200
0.200
40 Hz– 100 Hz
0
0.060
0.200
100 Hz – 1 kHz
0
0.020
0.200
1 Hz– 300 kHz
0
0.004
0.030
Square wave 14
0
0
0
08 | Keysight | Digital Multimeters: 34460/61/65/70A - Data Sheet


Similar Part No. - 34461A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34461A ETC-34461A Datasheet
2Mb / 28P
   Digital Multimeters
More results

Similar Description - 34461A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com