Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA36AT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1SMA36AT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA36AT3 Datasheet(HTML) 2 Page - ON Semiconductor

  1SMA36AT3 Datasheet HTML 1Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 2Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 3Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 4Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 5Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SMA5.0AT3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL = 25°C, Pulse Width = 1 ms
PPK
400
W
DC Power Dissipation @ TL = 75°C
Measured Zero Lead Length (Note 2)
Derate Above 75
°C
Thermal Resistance from Junction to Lead
PD
RqJL
1.5
20
50
W
mW/
°C
°C/W
DC Power Dissipation (Note 3) @ TA = 25°C
Derate Above 25
°C
Thermal Resistance from Junction to Ambient
PD
RqJA
0.5
4.0
250
W
mW/
°C
°C/W
Forward Surge Current (Note 4) @ TA = 25°C
IFSM
40
A
Operating and Storage Temperature Range
TJ, Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 X 1000
ms, non−repetitive
2. 1
″ square copper pad, FR−4 board
3. FR−4 board, using ON Semiconductor minimum recommended footprint, as shown in 403B case outline dimensions spec.
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, VF = 3.5 V Max. @
IF = 30 A for all types) (Note 5)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
5. 1/2 sine wave or equivalent, PW = 8.3 ms, non−repetitive
duty cycle.


Similar Part No. - 1SMA36AT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA36AT3 MOTOROLA-1SMA36AT3 Datasheet
88Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMA36AT3 ONSEMI-1SMA36AT3 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA36AT3G ONSEMI-1SMA36AT3G Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA36AT3G ONSEMI-1SMA36AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA36AT3G ONSEMI-1SMA36AT3G Datasheet
131Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional
February, 2012 ??Rev. 14
More results

Similar Description - 1SMA36AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_06 Datasheet
58Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA10CAT3G ONSEMI-1SMA10CAT3G Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA24AT3G ONSEMI-SZ1SMA24AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA5.0AT3G ONSEMI-1SMA5.0AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com