Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320LF2403APAGA Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP320LF2403APAGA
Description  DSP CONTROLLERS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2403APAGA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP320LF2403APAGA Datasheet HTML 2Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 3Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 4Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 5Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 6Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 7Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 8Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 9Page - Texas Instruments TMP320LF2403APAGA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional block diagram of the 2407A DSP controller
XTAL1/CLKIN
XTAL2
PLLVCCA
PLLF2
PLLF
VSSA
VREFHI
ADCIN08−ADCIN15
VCCA
ADCIN00−ADCIN07
SCIRXD/IOPA1
SPISIMO/IOPC2
XINT2/ADCSOC/IOPD0
SCITXD/IOPA0
VREFLO
Port A(0−7) IOPA[0:7]
SPICLK/IOPC4
SPISTE/IOPC5
SPISOMI/IOPC3
Port E(0−7) IOPE[0:7]
Port F(0−6) IOPF[0:6]
Port C(0−7) IOPC[0:7]
Port D(0) IOPD[0]
Port B(0−7) IOPB[0:7]
TDO
TDI
CANRX/IOPC7
TRST
CANTX/IOPC6
EMU1
PDPINTB
TCK
EMU0
TMS
CAP5/QEP4/IOPF0
CAP4/QEP3/IOPE7
PWM7/IOPE1
PWM8/IOPE2
CAP6/IOPF1
PWM10/IOPE4
PWM9/IOPE3
PWM11/IOPE5
PWM12/IOPE6
T4PWM/T4CMP/IOPF3
T3PWM/T3CMP/IOPF2
TDIRB/IOPF4
TCLKINB/IOPF5
DARAM (B0)
256 Words
DARAM (B1)
256 Words
DARAM (B2)
32 Words
C2xx
DSP
Core
PLL Clock
10-Bit ADC
(With Twin
Autosequencer)
RS
CLKOUT/IOPE0
XINT1/IOPA2
BIO/IOPC1
MP/MC
TMS2
A0−A15
D0−D15
TP1
TP2
BOOT_EN/XF
READY
STRB
R/W
RD
PS, DS, IS
VIS_OE
ENA_144
WE
CAP3/IOPA5
PWM1/IOPA6
CAP1/QEP1/IOPA3
CAP2/QEP2/IOPA4
PDPINTA
PWM5/IOPB2
PWM6/IOPB3
PWM3/IOPB0
PWM4/IOPB1
PWM2/IOPA7
T2PWM/T2CMP/IOPB5
T1PWM/T1CMP/IOPB4
TCLKINA/IOPB7
TDIRA/IOPB6
VDD (3.3 V)
VSS
VCCP(5V)
SARAM (2K Words)
Flash/ROM
(32K Words:
4K/12K/12K/4K)
External Memory
Interface
Event Manager A
D 3 × Capture Input
D 6 × Compare/PWM
Output
D 2 × GP
Timers/PWM
SCI
SPI
WD
Digital I/O
(Shared With
Other Pins)
CAN
JTAG Port
Event Manager B
D 3 × Capture Input
D 6 × Compare/PWM
Output
D 2 × GP
Timers/PWM
Indicates optional modules
.
The memory size and peripheral selection of these modules change for different 240xA devices.
See Table 1 for device-specific details.
W/R / IOPC0


Similar Part No. - TMP320LF2403APAGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320LF2401AVFA TI-TMP320LF2401AVFA Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMP320LF2401AVFS TI-TMP320LF2401AVFS Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMP320LF2403APAGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com