Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5620 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # AMMC-5620
Description  Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMC-5620 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  AMMC-5620 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6
Biasing and Operation
The AMMC- 5620 is normally
biased with a single positive
drain supply connected to the
VDD bond pads shown in Figure
19. The recommended supply
voltage is 5 V, which results in
IDD = 95 mA (typical).
No ground wires are required
because all ground connections
are made with plated through-
holes to the backside of the
device.
Refer the Absolute Maximum
Ratings table for allowed DC
and thermal conditions.
Assembly Techniques
The backside of the AMMC- 5620
chip is RF ground. For
microstripline applications, the
chip should be attached directly
to the ground plane (e.g., circuit
carrier or heatsink) using
electrically conductive epoxy
[1].
For best performance, the
topside of the MMIC should be
brought up to the same height
as the circuit surrounding it.
This can be accomplished by
mounting a gold plated metal
shim (same length and width as
the MMIC) under the chip,
which is of the correct
thickness to make the chip and
adjacent circuit coplanar.
The amount of epoxy used for
chip and or shim attachment
should be just enough to
provide a thin fillet around the
bottom perimeter of the chip or
shim. The ground plane should
be free of any residue that may
jeopardize electrical or
mechanical attachment.
The location of the RF bond
pads is shown in Figure 20.
Note that all the RF input and
output ports are in a Ground-
Signal- Ground configuration.
RF connections should be kept
as short as reasonable to
minimize performance
degradation due to undesirable
series inductance. A single bond
wire is sufficient for signal
connections, however double-
bonding with 0.7 mil gold wire
or the use of gold mesh
[2] is
recommended for best
performance, especially near the
high end of the frequency range.
Thermosonic wedge bonding is
the preferred method for wire
attachment to the bond pads.
Gold mesh can be attached
using a 2 mil round tracking
tool and a tool force of
approximately 22 grams with an
ultrasonic power of roughly 55
dB for a duration of 76 ± 8 mS.
A guided wedge at an ultrasonic
power level of 64 dB can be
used for the 0.7 mil wire.
The
recommended wire bond stage
temperature is 150 ± 2
°C.
Caution should be taken to not
exceed the Absolute Maximum
Rating for assembly temperature
and time.
The chip is 100
µm thick and
should be handled with care.
This MMIC has exposed air
bridges on the top surface and
should be handled by the edges
or with a custom collet (do not
pick up die with vacuum on die
center.)
This MMIC is also static
sensitive and ESD handling
precautions should be taken.
Notes:
1. Ablebond 84-1 LM1 silver epoxy is
recommended.
2. Buckbee-Mears Corporation, St. Paul, MN,
800-262-3824


Similar Part No. - AMMC-5620

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620-W10 AVAGO-AMMC-5620-W10 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620-W10 BOARDCOM-AMMC-5620-W10 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620-W50 AVAGO-AMMC-5620-W50 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results

Similar Description - AMMC-5620

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com