Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-330H Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # CQ-330H
Description  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-330H Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  CQ-330H Datasheet HTML 1Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-330H Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
[CQ-330H]
015010211-E-00W
2015/08
- 1 -
1. General Description
CQ-330H is an open-type current sensor using a Hall sensor which outputs the analog voltage proportional
to the AC/DC current. Quantum well ultra- thin film InAs (Indium Arsenide) is used as the Hall sensor, which
enables the high-accuracy and high-speed current sensing. Coreless surface mount package realizes the space-
saving.
2. Features
- Small-sized surface mount package: VSOP-24
- High isolation voltage: 3.0kV (50/60Hz, 60sec)
- Compliant to safety standards of IEC/UL-60950 and UL-508
- Ultra-fast response time: 0.5μsec (typ.)
- Low variation and low temperature drift of sensitivity and zero-current output voltage
- No output hysteresis
- Low noise output: 0.7mVrms (typ.)
- Bi-directional type
- 5V single power supply
- Ratiometric output
- Halogen free
CQ-330H
High-Speed Response Coreless Current Sensor


Similar Part No. - CQ-330H

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3300 AKM-CQ-3300 Datasheet
588Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3301 AKM-CQ-3301 Datasheet
566Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3303 AKM-CQ-3303 Datasheet
554Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Similar Description - CQ-330H

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com