Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G86DC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HCT2G86DC
Description  Dual 2-input exclusive-OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G86DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT2G86DC Datasheet HTML 7Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 8Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 9Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 10Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 11Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 12Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 13Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 14Page - NXP Semiconductors 74HCT2G86DC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2003 Jul 28
11
Philips Semiconductors
Product specification
Dual 2-input exclusive-OR gate
74HC2G86; 74HCT2G86
AC CHARACTERISTICS
Type 74HC2G86
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay nA, nB to nY
see Figs 5 and 6
2.0
34
120
ns
4.5
11
20
ns
6.0
917
ns
tTHL/tTLH
output transition time
see Figs 5 and 6
2.0
18
75
ns
4.5
615
ns
6.0
513
ns
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nA, nB to nY
see Figs 5 and 6
2.0
−−
150
ns
4.5
−−
25
ns
6.0
−−
21
ns
tTHL/tTLH
output transition time
see Figs 5 and 6
2.0
−−
95
ns
4.5
−−
19
ns
6.0
−−
16
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA, nB to nY
see Figs 5 and 6
2.0
−−
180
ns
4.5
−−
36
ns
6.0
−−
30
ns
tTHL/tTLH
output transition time
see Figs 5 and 6
2.0
−−
110
ns
4.5
−−
22
ns
6.0
−−
20
ns


Similar Part No. - 74HCT2G86DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G86DC NXP-74HCT2G86DC Datasheet
92Kb / 14P
   Dual 2-input exclusive-OR gate
Rev. 03-7 May 2009
logo
Nexperia B.V. All right...
74HCT2G86DC NEXPERIA-74HCT2G86DC Datasheet
214Kb / 11P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 5 - 18 December 2018
74HCT2G86DC-Q100 NEXPERIA-74HCT2G86DC-Q100 Datasheet
215Kb / 11P
   Dual 2-input EXCLUSIVE-OR gate
74HCT2G86DC-Q100 NEXPERIA-74HCT2G86DC-Q100 Datasheet
214Kb / 11P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 2 - 18 December 2018
More results

Similar Description - 74HCT2G86DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com