Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G125GM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G125GM
Description  Dual bus buffer/line driver 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G125GM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G125GM Datasheet HTML 4Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 11Page - NXP Semiconductors 74LVC2G125GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2004 Sep 22
8
Philips Semiconductors
Product specification
Dual bus buffer/line driver; 3-state
74LVC2G125
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay nA to nY
see Figs 4 and 6
1.65 to 1.95
1.0
3.7
9.1
ns
2.3 to 2.7
0.5
2.5
4.8
ns
2.7
1.0
2.7
4.8
ns
3.0 to 3.6
0.5
2.3
4.3
ns
4.5 to 5.5
0.5
1.9
3.7
ns
tPZH/tPZL
3-state output enable time
nOE to nY
see Figs 5 and 6
1.65 to 1.95
1.5
4.3
9.9
ns
2.3 to 2.7
1.0
2.8
5.6
ns
2.7
1.5
3.3
5.7
ns
3.0 to 3.6
0.5
2.4
4.7
ns
4.5 to 5.5
0.5
2.0
3.8
ns
tPHZ/tPLZ
3-state output disable time
nOE to nY
see Figs 5 and 6
1.65 to 1.95
1.0
3.5
11.6
ns
2.3 to 2.7
0.5
1.8
5.8
ns
2.7
1.0
2.7
4.8
ns
3.0 to 3.6
1.0
2.7
4.6
ns
4.5 to 5.5
0.5
1.8
3.4
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay nA to nY
see Figs 4 and 6
1.65 to 1.95
1.0
11.4
ns
2.3 to 2.7
0.5
6.0
ns
2.7
1.0
6.0
ns
3.0 to 3.6
0.5
5.5
ns
4.5 to 5.5
0.5
4.6
ns
tPZH/tPZL
3-state output enable time
nOE to nY
see Figs 5 and 6
1.65 to 1.95
1.5
12.4
ns
2.3 to 2.7
1.0
7.0
ns
2.7
1.5
7.1
ns
3.0 to 3.6
0.5
5.9
ns
4.5 to 5.5
0.5
4.8
ns
tPHZ/tPLZ
3-state output disable time
nOE to nY
see Figs 5 and 6
1.65 to 1.95
1.0
14.1
ns
2.3 to 2.7
0.5
7.6
ns
2.7
1.0
6.2
ns
3.0 to 3.6
1.0
5.9
ns
4.5 to 5.5
0.5
4.6
ns


Similar Part No. - 74LVC2G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G125GM NXP-74LVC2G125GM Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125GM NXP-74LVC2G125GM Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
74LVC2G125GM NXP-74LVC2G125GM Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125GM PHILIPS-74LVC2G125GM Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
More results

Similar Description - 74LVC2G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 NXP-74LVC2G125_10 Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com