Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5366CA Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A5366CA
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366CA Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A5366CA Datasheet HTML 4Page - Allegro MicroSystems A5366CA Datasheet HTML 5Page - Allegro MicroSystems A5366CA Datasheet HTML 6Page - Allegro MicroSystems A5366CA Datasheet HTML 7Page - Allegro MicroSystems A5366CA Datasheet HTML 8Page - Allegro MicroSystems A5366CA Datasheet HTML 9Page - Allegro MicroSystems A5366CA Datasheet HTML 10Page - Allegro MicroSystems A5366CA Datasheet HTML 11Page - Allegro MicroSystems A5366CA Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5366
PHOTOELECTRIC SMOKE DETECTOR
with INTERCONNECT and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
TYPICAL APPLICATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OSC. &
TIMING
HORN
DRIVER
VSS
VDD
LOGIC
Dwg. EC-006
TO/FROM
OTHER
UNITS
9 V
PUSH
TO
TEST
V
DD
CONNECT FOR TIMER MODE OR "HUSH" OPERATION
CONNECT FOR
NON-TIMER MODE
OPERATION
SMOKE
CHAMBER
1k
100
µF
100k
1000pF
220k
560
200k
220
+
+
C1
C2
The Diagnostic Test Mode is initiated by pulling this
pin below VSS and continuously sourcing 100 µA from the
pin for at least one clock cycle on the OSC. CAP. pin.
This mode is used to facilitate calibration and test of the
IC and the assembled detector. In this mode, certain
device pins are reconfigured as described below. In this
mode, the IRED pulse rate is increased to one every OSC.
CAP. cycle and the STROBE pin is always active. To exit
this mode, the test pin is floated for at least one OSC.
CAP. cycle.
Pin Name
Pin No. Configuration
HORN1
8
This pin is reconfigured as the
smoke integrator output. Three
consecutive smoke detections
will cause this pin to go high
and three consecutive no-
smoke detections cause this
pin to go low.
LED
11
This pin becomes a low-battery
indicator. The open-drain
NMOS output is normally OFF.
If VDD falls below the low-
battery threshold, the output
turns ON.
PIN AND CIRCUIT DESCRIPTION, continued


Similar Part No. - A5366CA

ManufacturerPart #DatasheetDescription
logo
Sensitron
A5366CA SENSITRON-A5366CA Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
322Kb / 13P
   The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
logo
Sensitron
A5366CA-T SENSITRON-A5366CA-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA-T ALLEGRO-A5366CA-T Datasheet
322Kb / 13P
   The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
More results

Similar Description - A5366CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com