Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA1205 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ACA1205
Description  750/870 MHZ CATV LINE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA1205 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ACA1205 Datasheet HTML 4Page - ANADIGICS, Inc ACA1205 Datasheet HTML 5Page - ANADIGICS, Inc ACA1205 Datasheet HTML 6Page - ANADIGICS, Inc ACA1205 Datasheet HTML 7Page - ANADIGICS, Inc ACA1205 Datasheet HTML 8Page - ANADIGICS, Inc ACA1205 Datasheet HTML 9Page - ANADIGICS, Inc ACA1205 Datasheet HTML 10Page - ANADIGICS, Inc ACA1205 Datasheet HTML 11Page - ANADIGICS, Inc ACA1205 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet - Rev 2.0
08/2001
ACA1205
Figure 13: Evaluation Board Schematic
APPLICATION INFORMATION
The ACA1205 is designed as an input stage. This
part can be used alone for low gain, low output level
applications or can be cascaded with one of the
ACA0861 output stages for higher gain and output
signal drive level. The ACA1205 is a low power
dissipation part designed as a driver for the
ACA0861B output stage.
Figure 12: Evaluation Board Layout


Similar Part No. - ACA1205

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
logo
ANADIGICS, Inc
ACA1206RS7P2 ANADIGICS-ACA1206RS7P2 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
ACA1206RS7P2 ANADIGICS-ACA1206RS7P2 Datasheet
1Mb / 20P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206RS7P2 SKYWORKS-ACA1206RS7P2 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
More results

Similar Description - ACA1205

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402_08 Datasheet
629Kb / 13P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com