Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA1205S7CTR Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACA1205S7CTR
Description  750/870 MHZ CATV LINE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA1205S7CTR Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACA1205S7CTR Datasheet HTML 1Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 2Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 3Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 4Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 5Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 6Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 7Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 8Page - ANADIGICS, Inc ACA1205S7CTR Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet - Rev 2.0
08/2001
3
ACA1205
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
y
c
n
e
u
q
e
r
F
F
R0
4-
0
7
8z
H
M
V
:
y
l
p
p
u
S
D
D
)
5
1
,
4
1
,
1
1
,
0
1
s
n
i
p
(-
2
1
+-
C
D
V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
--
0
1
1
+
O
C
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
The device may be operated safely over these conditions; however,
parametric performance is guaranteed only over the conditions defined in
the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
)
5
1
,
4
1
,
1
1
,
0
1
s
n
i
p
(
s
e
il
p
p
u
S
r
e
if
il
p
m
A0
5
1
+C
D
V
)
6
,
3
s
n
i
p
(
r
e
w
o
P
t
u
p
n
I
F
R-
0
7
+V
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2
+C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
0
.
5c
e
s
Notes:
1. Pins 3 and 6 should be AC-coupled. No external DC bias should be
applied.
2. Pin 7 should be pulled to ground through resistor R1, as shown in Figure 3.
No external DC bias should be applied.
Table 3: Operating Ranges


Similar Part No. - ACA1205S7CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
logo
ANADIGICS, Inc
ACA1206RS7P2 ANADIGICS-ACA1206RS7P2 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
ACA1206RS7P2 ANADIGICS-ACA1206RS7P2 Datasheet
1Mb / 20P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206RS7P2 SKYWORKS-ACA1206RS7P2 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
More results

Similar Description - ACA1205S7CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402_08 Datasheet
629Kb / 13P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com