Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8196A Datasheet(PDF) 4 Page - Keysight Technologies

Part # M8196A
Description  M8196A 92 GSa/s Arbitrary Waveform Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M8196A Datasheet(HTML) 4 Page - Keysight Technologies

  M8196A Datasheet HTML 1Page - Keysight Technologies M8196A Datasheet HTML 2Page - Keysight Technologies M8196A Datasheet HTML 3Page - Keysight Technologies M8196A Datasheet HTML 4Page - Keysight Technologies M8196A Datasheet HTML 5Page - Keysight Technologies M8196A Datasheet HTML 6Page - Keysight Technologies M8196A Datasheet HTML 7Page - Keysight Technologies M8196A Datasheet HTML 8Page - Keysight Technologies M8196A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
04 | Keysight | M8196A 92 GSa/s Arbitrary Waveform Generator - Data Sheet
Configuration
Product
Product number
Description
Comment
M8196A-001
Arbitrary waveform generator module
1 channel, 92 GSa/s, 512 kSa per channel
Including local start-up assistance and one
50 Ω termination for each channel
M8196A-002
Arbitrary waveform generator module
2 channels, 92 GSa/s, 512 kSa per channel
M8196A-004
Arbitrary waveform generator module
4 channels, 92 GSa/s, 512 kSa per channel
M8196A-BU2
Pre-configured system consisting of one
M9505A 2-slot AXIe Chassis with USB Option
M8196A-BU3
Pre-configured system consisting of one M9505A 2-slot AXIe Chassis
with USB Option and one M9536A AXIe Embedded PC Controller
Upgrade options
Product number
Description
Comment
M8196AU-U02
Upgrade from 1 channel to 2 channels
Software license
M8196AU-U04
Upgrade from 2 channels to 4 channels
Software license
Accessories
In order to be operational, an AXI chassis plus either an embedded controller or external
PC or laptop are required in addition to one or more M8196A modules:
(See http://www.keysight.com/find/AXIe for more details)
Product number
Description
Comment
M9502A-U20
2-slot AXIe chassis with USB Option
M9505A-U20
5-slot AXIe chassis with USB Option
M9536A
AXIe embedded controller
8121-1243
Cable assembly USB Type A-MINI B
M9048A
PCIe® desktop card adapter Gen 2 x8
Y1202A
PCIe cable for M9048A desktop adapter
M8196A-810
Matched cable pair for M8196A AWG, 2.4 mm
M8196A-820
Termination 50-Ohm, 2.4 mm
Software
Product number
Description
Comment
81195A
Optical Modulation Generator Software
Free to download
81195A-OSP
Optical Signal Properties
requires 81195A
M8070A-0TP
"System Software for M8000 Series of BER Test Solutions,
Transportable, Perpetual License"
M8070A-0NP
"System Software for M8000 Series of BER Test Solutions,
Network/Floating, Perpetual License"
M8070A-1TP
DUT Control Interface, Transportable, Perpetual License
M8070A-1NP
DUT Control Interface, Network/Floating, Perpetual License
N6171A-M02
MATLAB license (standard)
N6171A-M03
MATLAB license (extended)


Similar Part No. - M8196A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M81969 AMPHENOL-M81969 Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
logo
List of Unclassifed Man...
M81969-14-03 ETC1-M81969-14-03 Datasheet
204Kb / 12P
   For all general purposes in military ap plications
M81969-14-04 ETC1-M81969-14-04 Datasheet
204Kb / 12P
   For all general purposes in military ap plications
M81969-14-11 ETC1-M81969-14-11 Datasheet
204Kb / 12P
   For all general purposes in military ap plications
logo
Amphenol Aerospace Oper...
M81969/14-03 AAO-M81969/14-03 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results

Similar Description - M8196A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
M8195A KEYSIGHT-M8195A Datasheet
3Mb / 22P
   M8195A 65 GSa/s Arbitrary Waveform Generator and M8197A Multi-Channel Synchronization Module
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
List of Unclassifed Man...
TE-5201 ETC2-TE-5201 Datasheet
282Kb / 2P
   100 MS/s Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com