Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3615A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # E3615A
Description  Agilent E36XX-Series Manual dc Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E3615A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  E3615A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E3615A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E3615A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E3615A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E3615A Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E3614A, E3615A, E3616A and E3617A
models feature overvoltage protection
These flexible 60-watt, single-range
power supplies can be used as either
voltage or current sources. When
output terminal voltage increases to a
preset shut-down level, an overvoltage
protection circuit disables the output
to protect the device under test (DUT)
from damage. The overvoltage
protection feature is easily monitored
and adjusted from the front panel.
Using remote sensing capability,
these instruments automatically
compensate for voltage drop in the
load leads, so you get accurate voltage
at the DUT.
You can combine multiple units in
auto-parallel, auto-series and auto-
tracking configurations for greater
output voltage or current capacity.
Front and rear output terminals allow
flexible configuration. Output voltage
and current can be controlled with
external 0- to10-volt analog voltage or
variable resistance.
Multi-output models
With multiple supplies in a compact
unit, the E3620A and E3630A give
you excellent performance while
saving space on your bench. Both
instruments feature tight 0.01 percent
line and load regulation and a low
normal-mode noise specification of
less than 0.35mV to ensure clean
power for precision circuitry. With a
common-mode current specification
of less than 1uA, both multiple-output
power supplies minimize power line
current injection.
Like the single-output models in the
E3600 series, the E3620A and E3630A
feature separate digital panel meters
so you can monitor voltage and
current simultaneously. They also
protect your DUT against overload
and short-circuit damage. Smooth
turn-on and turn-off transitions keep
power spikes out of your circuits.
E3620A dual-output power supply
The 50-watt E3620A dual-output
power supply provides two 0 V to
25 Vdc outputs with the maximum
current of 1 A to satisfy most bench
requirements. The outputs are
completely independent and isolated.
E3630A triple-output power supply
The 35-watt E3630A triple- output
power supply provides three dc
outputs: 0 to 6 V with a maximum
current of 1 to 2.5A and 0 to 20 V and
0 to -20 V with a maximum current of
0.5A. An autotracking feature lets you
use one voltage control to adjust the
+20 V and -20 V outputs simultan-
eously. The outputs track each other
to within 1 percent, making it easy to
adjust the power supply for circuits
requiring balanced voltages.
2


Similar Part No. - E3615A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36102A KEYSIGHT-E36102A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36104A KEYSIGHT-E36104A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
More results

Similar Description - E3615A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com