Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC20-2415D Datasheet(PDF) 6 Page - Recom International Power

Part # REC20-2415D
Description  Continuous Short Circuit Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-2415D Datasheet(HTML) 6 Page - Recom International Power

  REC20-2415D Datasheet HTML 1Page - Recom International Power REC20-2415D Datasheet HTML 2Page - Recom International Power REC20-2415D Datasheet HTML 3Page - Recom International Power REC20-2415D Datasheet HTML 4Page - Recom International Power REC20-2415D Datasheet HTML 5Page - Recom International Power REC20-2415D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 54.5 x 21.0mm
Packaging Quantity
18pcs
Storage Temperature Range
-55°C to +125°C
REC20
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 1/2016
www.recom-power.com
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
INSTALLATION and APPLICATION
External Output Voltage Trimming
R1
Rd
Vref
R2
R3
-Vout
Trim
RU
R1
Vref
R2
R3
+Vout
Trim
R1
Rd
Vref
R2
R3
-Vout
Trim
RU
R1
Vref
R2
R3
+Vout
Trim
Trim up
Trim down
RU =
aR2
- R3
a =
Vref
x R1
R2-a
Vó - Vref
Rd =
bR1
- R3
b =
Vref
x R2
R1-b
Vó - Vref
Notes:
Note4:
RU and Rd is mean trim resistor, please check the formula.
Note5:
a & b: user define parameter, no actual meanings.
Note6:
Vó is mean trim up/down voltage.
Note7:
Value for R1, R2, R3 and Vref refer to table.
Output
Voltage
3.4V
5.1V
12V
15V
R1
2.1K
2.21K
8.87K
6.04K
R2
1.2K
2.1K
2.4K
1.2K
R3
4.7K
7.32K
15K
9.76K
Vref
1.24V
2.5V
2.5V
2.5V


Similar Part No. - REC20-2415D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-2415D RECOM-REC20-2415D Datasheet
356Kb / 6P
   20 Watt Single and Dual Output
REC20-2415DRWB RECOM-REC20-2415DRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
REC20-2415DRWB RECOM-REC20-2415DRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2415DRWBH RECOM-REC20-2415DRWBH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2415DRWBZ RECOM-REC20-2415DRWBZ Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
More results

Similar Description - REC20-2415D

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com