Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC30-483.4S Datasheet(PDF) 3 Page - Recom International Power

Part # REC30-483.4S
Description  Continuous Short Circuit Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-483.4S Datasheet(HTML) 3 Page - Recom International Power

  REC30-483.4S Datasheet HTML 1Page - Recom International Power REC30-483.4S Datasheet HTML 2Page - Recom International Power REC30-483.4S Datasheet HTML 3Page - Recom International Power REC30-483.4S Datasheet HTML 4Page - Recom International Power REC30-483.4S Datasheet HTML 5Page - Recom International Power REC30-483.4S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC30
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
4VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
180% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
3300pF typ.
Isolation Resistance
1G
Ω min.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +85°C
Maximum Case Temperature
+105°C
Temperatur Coefficient
±0.05%/°C
Thermal Impedance
natural convection
8°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C
529 x 103 hours
continued on next page
ECO-3
REV.: 1/2016
www.recom-power.com
Deviation vs. Load
36V
48V
75V
Output Current [A]
0
0.20
0.24
0.22
0.28
0.26
0.30
0.34
0.32
0.36
1
2
3
4
6
5
18V
24V
36V
Output Current [A]
0
-0.60
-0.40
-0.50
-0.20
-0.30
-0.10
0
0.10
0.20
0.1
0.2
0.3
0.4
0.5
0.6
1.0
0.7
0.8
0.9
REC30-485.1S
REC30-2415D


Similar Part No. - REC30-483.4S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-483.4S RECOM-REC30-483.4S Datasheet
380Kb / 7P
   30 Watt Single and Dual Output
REC30-483.4SZ RECOM-REC30-483.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
REC30-483.4SZ RECOM-REC30-483.4SZ Datasheet
343Kb / 6P
   External ON/OFF control
More results

Similar Description - REC30-483.4S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com