Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N4963A Datasheet(PDF) 3 Page - Keysight Technologies

Part # N4963A
Description  N4963A Clock Synthesizer 13.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4963A Datasheet(HTML) 3 Page - Keysight Technologies

  N4963A Datasheet HTML 1Page - Keysight Technologies N4963A Datasheet HTML 2Page - Keysight Technologies N4963A Datasheet HTML 3Page - Keysight Technologies N4963A Datasheet HTML 4Page - Keysight Technologies N4963A Datasheet HTML 5Page - Keysight Technologies N4963A Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
03 | Keysight | N4963A Clock Synthesizer 13.5 GHz - Data Sheet
Specifications
Specifications
All clock outputs
Frequency of operation
0.5 to 13.5 GHz
Frequency resolution
1 kHz when GPIB controlled
1 kHz at frequencies < 1GHz when front panel controlled
1 MHz at frequencies ≥ 1 GHz when front panel controlled
Frequency accuracy
+/− 5 ppm maximum
Rise/fall times (20 to 80%)
< 50 ps typ from 0.5 to 10 GHz
< 25 ps typ from 10 to 13.5 GHz
Jitter
2.6 ps rms typ from 0.5 to 2.5 GHz
1.5 ps rms typ from 2.5 to 13.5 GHz
Front panel outputs (channel 1 and channel 2)
Amplitude
0.6 to 2.0 V from 0.5 to 7.5 GHz
0.6 to 1.5 V from 7.5 to 13.5 GHz
Amplitude resolution
1 mV
Offset voltage
−2.0 to +2.0 V
Offset voltage resolution
10 mV
Phase adjust (channel 1 only)
−180 to +178 °
Phase adjust resolution (channel 1 only)
2 °
Interface
Differential. DC coupled, 50 Ω nominal, female SMA
(May be operated single end without unused output terminated into 50 Ω)
Rear panel outputs (channels 3A, 3B, 4A, 4B)
Amplitude
0.2 to 0.8 V from 0.5 to 7.5 GHz
0.2 to 0.6 V from 7.5 to 13.5 GHz
Amplitude resolution
1 mV
Interface
Differential. AC coupled, 50 Ω nominal, female SMA
(May be operated single end without unused output terminated into 50 Ω)
Jitter injection (Option 101)
Jitter injection source
Internal or external
Jittered outputs
Channel 2 (front panel) and channels 4A and 4B (rear panel)
Jitter injection frequency range
1 Hz to 100 MHz
Jitter injection frequency resolution (internal)
1 Hz from 1 Hz to 1 MHz injection frequency
1 kHz from 1 to 100 MHz injection frequency
Jitter injection range 1
0 to 32 UI from 1 to 75 kHz
0 to 16 UI from > 75 to 150 kHz
0 to 8 UI from > 150 to 300 kHz
0 to 4 UI from > 300 to 600 kHz
0 to 2 UI from > 600 kHz to 1.2 MHz
0 to 1 UI from > 1.2 to 2.4 MHz
0 to 0.6 UI from > 2.4 to 100 MHz
Jitter injection resolution
0.01 UI
External jitter input voltage
1 V pp max
External jitter injection interface
DC coupled, 50 Ω nominal, female SMA
1.
At 5 GHz


Similar Part No. - N4963A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N4960-60006 KEYSIGHT-N4960-60006 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60018 KEYSIGHT-N4960-60018 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60023 KEYSIGHT-N4960-60023 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960-60026 KEYSIGHT-N4960-60026 Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
N4960A KEYSIGHT-N4960A Datasheet
4Mb / 26P
   Serial BERT 17 and 32 Gb/s
More results

Similar Description - N4963A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0135A TAI-SAW-TW0135A Datasheet
156Kb / 5P
   SMD Clock Oscillator 13.5 MHz
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
   NETWORKING CLOCK SYNTHESIZER
012313
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
   PECL CLOCK SYNTHESIZER
041905
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com