Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N1253A-100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # N1253A-100
Description  Agilent B1500A Semiconductor Device Analyzer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N1253A-100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  N1253A-100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) N1253A-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
Power consumption
Voltage source mode
Voltage range
Power
0.5 V
20 x Ic (W)
2 V
20 x Ic (W)
5 V
20 x Ic (W)
20 V
20 x Ic (W)
40 V
40 x Ic (W)
100 V
100 x Ic (W)
Where Ic is the current compliance setting.
Current source mode
Voltage compliance Power
Vc ≤ 20
20 x Io (W)
20 < Vc ≤ 40
40 x Io (W)
40 < Vc ≤ 100
100 x Io (W)
Where Vc is the voltage compliance setting
and Io is output current.
Voltage range, resolution, and accuracy (high speed ADC)
Voltage range
Force resolution
Measure resolution
Force accuracy¹
Measure accuracy¹
Maximum current
±0.5 V
25 µV
0.5 µV
±(0.018 % + 150 µV)
±(0.01 % + 250 µV)
100 mA
±2 V
100 µV
2 µV
±(0.018 % + 400 µV)
±(0.01 % + 700 µV)
100 mA
±5 V
250 µV
5 µV
±(0.018 % + 750 µV)
±(0.01 % + 2 mV)
100 mA
±20 V
1 mV
20 µV
±(0.018 % + 3 mV)
±(0.01 % + 4 mV)
100 mA
±40 V
2 mV
40 µV
±(0.018 % + 6 mV)
±(0.015 % + 8 mV)
²
±100 V
5 mV
100 µV
±(0.018 % + 15 mV)
±(0.02 % + 20 mV)
²
1. ± (% of read value + offset voltage V)
2. 100 mA (Vo ≤ 20 V), 50 mA (20 V < Vo ≤ 40 V), 20 mA (40 V < Vo ≤ 100 V), Vo is the output voltage in Volts.
Current range, resolution, and accuracy (high speed ADC)
SMU type
Current
range
Force
resolution
Measure
resolution¹,²
Force accuracy³
Measure accuracy³
Maximum
voltage
HRSMU w/ ASU
±1 pA
1 fA
100 aA
±(0.9 %+15 fA)
±(1.8 %+12 fA)
100 V
HRSMU
±10 pA
5 fA
400 aA (with ASU)
1 fA (HRSMU)
±(0.46 %+30 fA+10 aA x Vo)
±(0.5 %+15 fA+10 aA x Vo)
100 V
±100 pA
5 fA
500 aA (with ASU)
2 fA (HRSMU)
±(0.3 %+100 fA+100 aA x Vo) ±(0.5 %+40 fA+100 aA x Vo)
100 V
MPSMU
±1 nA
50 fA
10 fA
±(0.1 %+300 fA+1 fA x Vo)
±(0.25 %+300 fA+1 fA x Vo)
100 V
±10 nA
500 fA
10 fA
±(0.1 %+3 pA+10 fA x Vo)
±(0.25 %+2 pA+10 fA x Vo)
100 V
±100 nA
5 pA
100 fA
±(0.05 %+30 pA+100 fA x Vo) ±(0.1 %+20 pA+100 fA x Vo)
100 V
±1 µA
50 pA
1 pA
±(0.05 %+300 pA+1 pA x Vo)
±(0.1 %+200 pA+1 pA x Vo)
100 V
±10 µA
500 pA
10 pA
±(0.05 %+3 nA+10 pA x Vo)
±(0.05 %+2 nA+10 pA x Vo)
100 V
±100 µA
5 nA
100 pA
±(0.035 %+15 nA+100 pA x Vo) ±(0.05 %+20 nA+100 pA x Vo)
100 V
±1 mA
50 nA
1 nA
±(0.04 %+150 nA+1 nA x Vo)
±(0.04 %+200 nA+1 nA x Vo)
100 V
±10 mA
500 nA
10 nA
±(0.04 %+1.5 µA+10 nA x Vo) ±(0.04 %+2 µA+10 nA x Vo)
100 V
±100 mA
5 µA
100 nA
±(0.045 %+15 µA+100 nA x Vo) ±(0.1 %+20 µA+100 nA x Vo)
4
1. Specified measurement resolution is limited by fundamental noise limits. Minimum displayed resolution is 1 aA at 1 pA range by 6 digits.
2. Measurements made in the lower ranges can be greatly impacted by vibrations and shocks. These specifications assume an environment free of
these factors.
3. ± (% of read value + offset current (fixed part determined by the output/measurement range + proportional part that is multiplied by Vo))
4. 100 V (Io ≤ 20 mA), 40 V (20 mA < Io ≤ 50 mA), 20 V (50 mA < Io ≤ 100 mA), Io is the output current in Amps.
100
50
20
-20
-50
-100
-100
-40
-20
20
40
100
Current (mA)
Voltage (V)
MPSMU and HRSMU measurement and output range


Similar Part No. - N1253A-100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N125-007-GY TRIPPLITE-N125-007-GY Datasheet
154Kb / 2P
   Cat6 Gigabit Molded Shielded Patch Cable STP (RJ45 M/M) - Gray, 7-ft.
N125-010-GY TRIPPLITE-N125-010-GY Datasheet
154Kb / 2P
   Cat6 Gigabit Molded Shielded Patch Cable STP (RJ45 M/M) - Gray, 10-ft.
N125-025-GY TRIPPLITE-N125-025-GY Datasheet
477Kb / 3P
   Cat6 Gigabit Molded Shielded Patch Cable
N125-050-GY TRIPPLITE-N125-050-GY Datasheet
154Kb / 2P
   Cat6 Gigabit Molded Shielded Patch Cable STP (RJ45 M/M) - Gray, 50-ft.
More results

Similar Description - N1253A-100

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1530A KEYSIGHT-B1530A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com