Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT164 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74HCT164
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT164 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HCT164 Datasheet HTML 1Page - Diodes Incorporated 74HCT164 Datasheet HTML 2Page - Diodes Incorporated 74HCT164 Datasheet HTML 3Page - Diodes Incorporated 74HCT164 Datasheet HTML 4Page - Diodes Incorporated 74HCT164 Datasheet HTML 5Page - Diodes Incorporated 74HCT164 Datasheet HTML 6Page - Diodes Incorporated 74HCT164 Datasheet HTML 7Page - Diodes Incorporated 74HCT164 Datasheet HTML 8Page - Diodes Incorporated 74HCT164 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74HCT164
Document number: DS36280 Rev. 2 - 2
5 of 10
www.diodes.com
August 2015
© Diodes Incorporated
74HCT164
Switching Characteristics
Symbol /
Parameter
Pins
Test
Conditions
VCC
TA= +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
fMAX
Maximum
Frequency
CP
Figure 1
4.5V
27
55
-
22
-
18
-
MHz
5.0V
-
61
-
-
-
-
-
tW
Pulse Width
CP
HIGH or
LOW
Figure 1
4.5V
18
7
-
23
-
27
-
ns
LOW
Figure 1
4.5V
18
10
-
23
-
27
-
ns
tSU
Set-up Time
DSA or
DSB to CP
Figure 1
4.5V
12
6
-
15
-
18
-
ns
tH
Hold Time
DSA or
DSB to CP
Figure 1
4.5V
4
-2
-
4
-
4
-
ns
trec
Recovery Time
to CP
Figure 1
4.5V
16
7
-
20
-
24
-
ns-
tPD
Propagation
Delay
CP to Qn
Figure 1
4.5V
-
17
36
-
45
-
54
ns
5.0V
-
14
-
-
tPHL
HIGH to LOW
Propagation
Delay
to Qn
Figure 1
4.5V
-
19
38
-
48
-
57
ns
5.0V
-
16
-
-
-
-
-
tT
Transition
Time
All Signals
Figure 1
4.5V
-
7
15
-
19
-
22
ns
Operating Characteristics (TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power Dissipation Capacitance per
Gate
f = 1 MHz VI = Gnd to Vcc-1.5V
40
pF
CI
Input Capacitance
VI = Gnd or Vcc
3.5
pF


Similar Part No. - 74HCT164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT164 PHILIPS-74HCT164 Datasheet
54Kb / 8P
   8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
74HCT164 PHILIPS-74HCT164 Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
logo
Nexperia B.V. All right...
74HCT164 NEXPERIA-74HCT164 Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
74HCT164-Q100 NEXPERIA-74HCT164-Q100 Datasheet
272Kb / 16P
   8-bit serial-in, parallel-out shift register
Rev. 2 - 11 June 2020
logo
NXP Semiconductors
74HCT164BQ PHILIPS-74HCT164BQ Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
More results

Similar Description - 74HCT164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com