Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC240A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC240A
Description  SINGLE 2 INPUT POSITIVE NAND GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC240A Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC240A Datasheet HTML 1Page - Diodes Incorporated 74LVC240A Datasheet HTML 2Page - Diodes Incorporated 74LVC240A Datasheet HTML 3Page - Diodes Incorporated 74LVC240A Datasheet HTML 4Page - Diodes Incorporated 74LVC240A Datasheet HTML 5Page - Diodes Incorporated 74LVC240A Datasheet HTML 6Page - Diodes Incorporated 74LVC240A Datasheet HTML 7Page - Diodes Incorporated 74LVC240A Datasheet HTML 8Page - Diodes Incorporated 74LVC240A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LVC240A
Document number: DS35886 Rev. 1 - 2
4 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC240A
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
1.65V to 1.95V
VCC X 0.65
VCC X 0.65
V
2.3V to 2.7V
1.7
1.7
3.0V to 3.6V
2
2
VIL
Low-Level input
voltage
1.65V to 1.95V
VCC X 0.35
VCC X 0.35
V
2.3V to 2.7V
0.7
0.7
3.0V to 3.6V
0.8
0.8
VOH
High-Level
Output Voltage
IOH = -50 μA
1.65V to 3.6V
VCC-0.2
VCC-0.3
IOH = -4 mA
1.65V
1.2
1.05
IOH = -8 mA
2.3V
1.7
1.65
V
IOH = -12 mA
2.7V
2.2
2.05
3.0V
2.4
2.48
IOH = -24 mA
3.0V
2.3
2.0
VOL
Low-Level Output
Voltage
IOL = 100 μA
1.65V to 3.6V
0.2
0.3
V
IOL = 4 mA
1.65V
0.45
0.65
IOL = 8 mA
2.3V
0.60
0.80
IOL = 12 mA
2.7V
0.40
0.60
IOL = 24 mA
3.0V
0.55
0.80
IOFF
Power Down
Leakage Current VI or VO = 0 or 5.5V
0V
±10
20
μA
II
Input Current
Control Pins
VI =GND or 5.5V
0 to 3.6V
±5
± 20
μA
IOZ
Z-state Current
Including Input
Current
I/O Pins
VI =GND or 5.5V
VO = 0 to 5.5V
3.6V
±5
± 20
uA
ICC
Supply Current
VI = GND or VCC, IO=0
3.6V
10
40
μA
∆ICC
Additional Supply
Current
One input at Vcc-0.6V
Io= 0A
2.7V to 3.6V
500
5000
μA
Ci
Input
Capacitance
Control Pins VI = GND or
VCC
0V to 3.6V
4.0 typical
4.0 typical
pF
I/O Pins
5.5 typical
5.5 typical
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
1.8V± 0.15V
1.0
6.0
12.2
1.0
13.1
1.0
16.9
ns
2.5V± 0.2V
1.0
3.9
7.8
1.0
8.4
1.0
8.9
2.7V
1.0
4.2
8.1
1.0
8.9
1.0
9.0
3.3V± 0.3V
1.5
3.8
7.6
1.5
8.1
1.5
8.3
tEN
Enable Time
OE to YN
Figure 1
1.8V± 0.15V
1.0
7.0
14.8
1.0
15.3
1.0
22.5
ns
2.5V± 0.2V
1.0
4.5
10.0
1.0
10.5
1.0
12.4
2.7V
1.0
5.4
8.5
1.0
9.5
1.0
11.0
3.3 ± 0.3V
1.5
4.4
7.0
1.5
8.5
1.5
9.0
tDIS
Disable Time
OE to YN
Figure 1
1.8V± 0.15V
1.0
7.8
16.5
1.0
17.0
1.0
18.2
ns
2.5V± 0.2V
1.0
4.0
9.0
1.0
9.5
1.0
10.7
2.7V
1.0
4.3
7.5
1.0
8.5
1.0
10.0
3.3V± 0.3V
1.7
4.0
6.0
1.7
7.5
1.7
9.0
tsk(0)
Output Skew
Time
3.3V± 0.3V
1.0
1.5
ns


Similar Part No. - 74LVC240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
NXP Semiconductors
74LVC240AD PHILIPS-74LVC240AD Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC240ADB PHILIPS-74LVC240ADB Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
ON Semiconductor
74LVC240ADTR2G ONSEMI-74LVC240ADTR2G Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC240A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com