Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5071C-280 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # E5071C-280
Description  Configurable Multiport Test Set
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E5071C-280 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button E5071C-280 Datasheet HTML 5Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 11Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 12Page - Agilent(Hewlett-Packard) E5071C-280 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
8
Table 4. Corrected system performance with type-N device connectors,
85092C electronic calibration (ECal) module
Network analyzer:
E5071C
Calibration module:
85092C (Type-N, 50 Ω) Electronic calibration (ECal)
module
Calibration:
full 2-port
IF bandwidth = 10 Hz, no averaging applied to data, environmental temperature = 23 °C
(±5 °C ) with < 1 °C deviation from calibration temperature, isolation calibration performed
Description
Specification (dB)
300 kHz to
10 MHz
10 MHz to
3 GHz
3 GHz to
6 GHz
6 GHz to
8.5 GHz
Directivity
45
52
52
47
Source match
36
44
41
36
Load match
41
47
44
39
Reflection tracking
±0.100
±0.040
±0.060
±0.070
Transmission tracking
±0.055
±0.039
±0.068
±0.136
Transmission uncertainty (specification)
Reflection uncertainty (specification)
0.01
0.1
1
10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Transmission coefficient (dB)
Magnitude
300 K H z to 10 M H z
10 M H z to 3 G H z
3G H z to 6G H z
6G H z to 8 .5G H z
S 11 = S 22 = 0 ; Cal power = -10 dBm; Meas power = -10 dBm
0.1
1
10
100
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
10
Transmission coefficient (dB)
Phase
300 kH z to 1 0 M H z
10 M H z to 3 G H z
3G H z to 6G H z
6G H z to 8 .5G H z
S 11 = S 22 = 0 ; Cal power = -10 dBm; Meas power = -10 dBm
0
0.01
0.02
0.03
0.04
0.05
0
0 .2
0 .4
0 .6
0 .8
1
Reflection coefficient (linear)
Magnitude
3 0 0 kH z to1 0M H z
10 M H z to 3 G H z
3G H z to 6G H z
6 G Hz to 8 .5 G Hz
S 2 1 = S 1 2 = 0 ; Cal power = -10 dBm; Meas power = -10 dBm
0
2
4
6
8
10
0
0 .2
0.4
0 .6
0.8
1
Reflection coefficient (linear)
Phase
300 kH z to 1 0 M H z
10 M H z to 3 G H z
3G H z to 6G H z
6 G Hz to 8 .5 G Hz
S 2 1 = S 1 2 = 0 ; Cal power = -10 dBm; Meas power = -10 dBm


Similar Part No. - E5071C-280

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
logo
TDK Electronics
E5071C TDK-E5071C Datasheet
220Kb / 4P
   Common mode filters Automotive signal line (for power train/safety)
20221027
More results

Similar Description - E5071C-280

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87050E HP-87050E Datasheet
1Mb / 20P
   50 Ohm Multiport Test Sets
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
logo
Rosenberger Hochfrequen...
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
   TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
   TEST CABLE SET
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
   Ramp Test Set
logo
Rosenberger Hochfrequen...
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com