Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5071C-285 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # E5071C-285
Description  Configurable Multiport Test Set
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E5071C-285 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button E5071C-285 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 4Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 5Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E5071C-285 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
6
System dynamic range (continued)
Table 2. Option 2D5/2K5/4D5/4K5
Description
Specification
SPD
System dynamic range1, 2
300 kHz to 1 MHz
IF bandwidth = 3 kHz
70 dB
1 MHz to 10 MHz
82 dB
10 MHz to 100 MHz
95 dB
100 MHz to 6 GHz
98 dB
6 GHz to 8.5 GHz
92 dB
8.5 GHz to 10.5 GHz
80 dB
10.5 GHz to 15 GHz
75 dB
15 GHz to 20 GHz
71 dB
300 kHz to 1 MHz
IF bandwidth = 10 Hz
95 dB
105 dB
1 MHz to 10 MHz
107 dB
115 dB
10 MHz to 100 MHz
120 dB
129 dB
100 MHz to 6 GHz
123 dB
130 dB
6 GHz to 8 GHz
117 dB
129 dB
8 GHz to 8.5 GHz
117 dB
127 dB
8.5 GHz to 10.5 GHz
105 dB
115 dB
10.5 GHz to 15 GHz
100 dB
111 dB
15 GHz to 20 GHz
96 dB
105 dB
Figure 2. System dynamic range (specification and actual measurement data example,
IF bandwidth 10 Hz)
1. The test port dynamic range is calculated as the difference between the test port’s rms noise
floor and the source’s maximum output power. Effective dynamic range must take measurement
uncertainty and interfering signals into account.
2. The specification might not be met at 5 MHz or 50 MHz.
Frequency [Hz]
E5071C-2D5/2K5/4D5/4K5 specification
0.0E+00
5.0E+09
1.0E+10
1.5E+10
2.0E+10
80
90
100
110
120
130
140
150
160


Similar Part No. - E5071C-285

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
logo
TDK Electronics
E5071C TDK-E5071C Datasheet
220Kb / 4P
   Common mode filters Automotive signal line (for power train/safety)
20221027
More results

Similar Description - E5071C-285

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87050E HP-87050E Datasheet
1Mb / 20P
   50 Ohm Multiport Test Sets
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
logo
Rosenberger Hochfrequen...
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
   TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
   TEST CABLE SET
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
   Ramp Test Set
logo
Rosenberger Hochfrequen...
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com