Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85093C Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 85093C
Description  Configurable Multiport Test Set
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

85093C Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 85093C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 10Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 11Page - Agilent(Hewlett-Packard) 85093C Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
7
Corrected system performance with calibration kit
Option 230/235/240/245/260/265/280/285/430/435/440/445/460/465/480/485
Table 3. Corrected system performance with type-N device connectors,
85032F calibration kit
Network analyzer:
E5071C
Calibration kit:
85032F (Type-N, 50 Ω)
Calibration:
full 2-port
IF bandwidth = 10 Hz, no averaging applied to data, environmental temperature = 23 °C
(±5 °C ) with < 1 °C deviation from calibration temperature, isolation calibration performed
Description
Specification (dB)
9 kHz to
300 kHz
300 kHz to
10 MHz
10 MHz to
3 GHz
3 GHz to
6 GHz
6 GHz to
8.5 GHz
Directivity
49
49
46
40
38
Source match
41
41
40
36
35
Load match
49
49
46
40
37
Reflection tracking
±0.011
±0.011
±0.021
±0.032
±0.054
Transmission tracking
±0.027
±0.015
±0.018
±0.056
±0.088
Transmission uncertainty (specification)
Reflection uncertainty (specification)
S 11 = S 22 = 0; C a l pow e r = -1 0 dB m ; M e as pow er = -1 0 dB m
Magnitude
Transmission coefficient (dB)
10
1
0.1
0.01
10
0
–10
–20 –30
–40
–50
–60
–70 –80 –90
9 KHz to 300 KHz
300 KHz to 10 MHz
10 MHz to 3 GHz
3 GHz to 6 GHz
6 GHz to 8.5 GHz
0.1
1
10
100
-9 0
-8 0
-70
-60
-50
-4 0
-3 0
-2 0
-10
0
10
S 11 = S 2 2 = 0; C a l pow er = -10 dB m ; M e as pow er = -10 dB m
9 KHz to 300 KHz
300 KHz to 10 MHz
10 MHz to 3 GHz
3 GHz to 6 GHz
6 GHz to 8.5 GHz
Transmission coefficient (dB)
Phase
Reflection coefficient (linear)
Magnitude
0
0.01
0.02
0.03
0.04
0.05
0
0.2
0.4
0.6
0.8
1
9 KHz to 300 KHz, 300 KHz to 10 MHz
10 MHz to 3 GHz
3 GHz to 6 GHz
6 GHz to 8.5 GHz
S21 = S12 = 0; Cal power = -10 dBm; Meas power = -10 dBm
Reflection coefficient (linear)
Phase
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
S21 = S12 = 0; Cal power = -10 dBm; Meas power = -10 dBm
9 KHz to 300 KHz, 300 KHz to 10 MHz
10 MHz to 3 GHz
3 GHz to 6 GHz
6 GHz to 8.5 GHz


Similar Part No. - 85093C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
85093C KEYSIGHT-85093C Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
More results

Similar Description - 85093C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87050E HP-87050E Datasheet
1Mb / 20P
   50 Ohm Multiport Test Sets
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
logo
Rosenberger Hochfrequen...
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
   TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
   TEST CABLE SET
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
   Ramp Test Set
logo
Rosenberger Hochfrequen...
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
   TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
   TEST CABLE SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com