Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA1-48D2 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BMA1-48D2
Description  1 Watt Isolated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BMA1-48D2 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BMA1-48D2 Datasheet HTML 1Page - Bothhand USA, LP. BMA1-48D2 Datasheet HTML 2Page - Bothhand USA, LP. BMA1-48D2 Datasheet HTML 3Page - Bothhand USA, LP. BMA1-48D2 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BMA1 / BMB1 Series
1 Watt Isolated DC-DC Converter
Dual
Dual
Dual
Dual Output
Output
Output
Output
2
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Voltage Range
48V nominal Input
43.2
48
52.8
Vdc
Output Voltage Accuracy
---
---
± 5.0
Load Regulation(10% load to full load)
---
---
± 10
Voltage Balance (Dual Outputs)
---
---
± 1.0
Unbalanced load 10% to 100% full load
---
---
±15
%
Switching Frequency
---
100
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
%/ ℃
Isolation Voltage
60 Second / 0.5 mA
1000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1KHz / 250mV rms
---
30
---
pF
Max. Line Regulation (Per 1.0 % change in input change)
---
---
1.3
%
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-40℃ ~ +85℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
Storage Temperature
-55℃ ~ +105℃
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic
---
6. Ordering Information
7 . Power Derating Curve
Temperature derating graph
100
-40 -20
0
20
40
60
80
120
25%
50%
75%
100%
125%
85
85
85
85
Temperature Derating Graph
Operating Ambient Temperature(°C)
BMA1-xxD1
Device Family
Input Voltage
Output Voltage:"0"For 3.3V;"1"For
5V;"A"For 9V;"2"For 12V;"3"For 15V
"A"For SIL Package;"B"For DIL Package
"S"For Single Output;"D" For Dual Output
Output Power
BOTHHAND USA sales@bothhandusa.com


Similar Part No. - BMA1-48D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1-48D2 BOTHHAND-BMA1-48D2 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
More results

Similar Description - BMA1-48D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CHB150W12 CINCON-CHB150W12 Datasheet
709Kb / 8P
   150 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com