Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA-2412S2LF Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # BA-2412S2LF
Description  2 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2412S2LF Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BA-2412S2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-2412S2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-2412S2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-2412S2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-2412S2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-2412S2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
7 . Power Derating Curve
Temperature derating graph
8 . Mechanical Dimension
Single Output SIL Package Style
Pin
1K Vdc - Single
1
-Vin
2
+Vin
3
-Vo
4
+Vo
125
100
50
0
-40
0
50
90 105
140
Printed
Face
3.05
(0.12)
Min
0.25
(0.01)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
0.50
(0.02)
11.68
(0.46)
9.65
(0.38)
1.25
(0.05)
6.00
(0.24)
10.50
(0.41)
5.00
(0.20)
8.50
(0.33)
1.68
1.86
6.50
(0.38)
BA-0505S2 LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Similar Part No. - BA-2412S2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2412S2LF BOTHHAND-BA-2412S2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

Similar Description - BA-2412S2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com