Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-2418S2(H)LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BB-2418S2(H)LF
Description  1~2W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BB-2418S2(H)LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BB-2418S2(H)LF Datasheet HTML 1Page - Bothhand USA, LP. BB-2418S2(H)LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BB LF Series
1~2W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com 15
Technical Specification (2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
3) 1.0 W Dual Output Series
BB-123R3D LF
± 3.3
± 150
4
115
50
± 2
72
BB-1205D LF
9~18
± 5
± 100
4
114
50
± 2
73
BB-2405D LF
± 5
± 100
4
57
50
± 2
73
BB-2412D LF
± 12
± 50
4
66
100
± 2
76
BB-2415D LF
± 15
± 40
4
67
120
± 2
75
BB-2418D LF
18~36
± 18
± 30
4
58
150
± 2
77
4) 2.0 W Dual Output Series
BB-1205D2 LF
± 5
± 200
4
222
50
± 2
75
BB-1212D2 LF
9~18
± 12
± 84
4
210
100
± 2
80
BB-2405D2 LF
± 5
± 200
4
111
50
± 2
75
BB-2412D2 LF
± 12
± 84
4
105
100
± 2
80
BB-2415D2 LF
18~36
± 15
± 67
4
105
120
± 2
80
Mechanical Dimensions (2/2):
Dual Output Style
Pin
1K&3K Vdc - Dual
Pin
1
16
2
-Vin
+Vin
15
3
14
4
13
5
No Pin
No Pin
12
6
Common
Common
11
7
No Pin
No Pin
10
8
-Vo
+Vo
9
Date Code
17.78
(0.70)
2.81
(0.11)
10.16
(0.40)
1.92
(0.08)
Bottom View
Ø 0.50
(0.02)
1.92
(0.08)
5.08
(0.20)
2.54
(0.10)
BB-1205S2 LF
IN=9~18Vdc
23.40
(0.92)
14.00
(0.55)
Pb
11.00
(0.43)
20.00
(0.79)
9.75
(0.38)
3.05
(0.12)
Min.
8.50
(0.33)
5.00
(0.20)
OUT=5Vdc
Printed
Face


Similar Part No. - BB-2418S2(H)LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BB-2418S2 BOTHHAND-BB-2418S2 Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
More results

Similar Description - BB-2418S2(H)LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BBLF BOTHHAND-BBLF Datasheet
143Kb / 2P
   1~2W Isolated DC/DC Converter
B3LF BOTHHAND-B3LF Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
B3-LF-SERIES BOTHHAND-B3-LF-SERIES Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
B9-LF-SERIES BOTHHAND-B9-LF-SERIES Datasheet
128Kb / 1P
   2W Isolated DC/DC Converter
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
   DC - DC CONVERTER 2W
SAD02-9559 CHINFA-SAD02-9559_08 Datasheet
107Kb / 2P
   DC - DC CONVERTER 2W
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com