Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4446A-BAB Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # E4446A-BAB
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4446A-BAB Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  E4446A-BAB Datasheet HTML 1Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 2Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 3Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4446A-BAB Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Agilent PSA Series
Spectrum Analyzers
Data Sheet
The Agilent PSA Series offers high-
performance spectrum analysis, up
to 50 GHz, with powerful one-button
measurements, a versatile feature
set, and a leading-edge combination
of flexibility, speed, accuracy, analysis
bandwidth, and dynamic range. From
millimeter wave and phase noise
measurements to spur searches and
modulation analysis, the PSA Series
offers unique and comprehensive
high-performance solutions to R&D
and manufacturing engineers in
cellular and emerging wireless com-
munications, aerospace, and defense.
For more information regarding the PSA wide
analysis bandwidth, see the 40/80 MHz BW
digitizers, Option 140/122, technical overview
at www.agilent.com/find/ps
40/80 MHz
Analysis Bandwidth
Now Available On
50 GHz PSA!
Models
E4443A
3 Hz to 6.7 GHz
E4445A
3 Hz to 13.2 GHz
E4440A
3 Hz to 26.5 GHz*
E4447A
3 Hz to 42.98 GHz
E4446A
3 Hz to 44 GHz*
E4448A
3 Hz to 50 GHz*
* 325 GHz with external mixing


Similar Part No. - E4446A-BAB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4446A HP-E4446A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4446A-BAB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com