Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-2412S4LF Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # BD-2412S4LF
Description  2 To 6 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-2412S4LF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  BD-2412S4LF Datasheet HTML 1Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 2Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 3Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 4Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 5Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BD LF - Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
Page
5
of
6
9 . Mechanical Dimension
Metal Case Model
Plastic Case Model
Pin
Single Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
N.C.
-Vo
16
10
No Pin
No Pin
15
11
N.C.
+Vo
14
12
No Pin
No Pin
13
Pin
Dual Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
Common Common 16
10
No Pin
No Pin
15
11
-Vo
+Vo
14
12
No Pin
No Pin
13
Pin
Single Output
Pin
1
No Pin No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin No Pin
17
9
N.C.
-Vo
16
10
No Pin No Pin
15
11
N.C.
+Vo
14
12
No Pin No Pin
13
Pin
Dual Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
Common Common 16
10
No Pin
No Pin
15
11
-Vo
+Vo
14
12
No Pin
No Pin
13
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
31.75
(1.25)
φ0.50
(0.02)
15.24
(0.60)
22.86
(0.90)
20.32
(0.80)
2.54
(0.10)
BD-1205S2M LF
IN=9~18Vdc
OUT=5Vdc
Pb
27.63
(1.09)
16.16
(0.64)
Printed Face
3.05
(0.12)
10.16
(0.40)
5.00
(0.20)
8.50
(0.33)
Min.
Bottom View
22.86
(0.90)
2.54
(0.10)
31.75
(1.25)
20.32
(0.80)
15.24
(0.60)
φ0.50
(0.02)
Printed Face
BD-1205S2P LF
IN=9~18Vdc
OUT=5Vdc Pb
27.63
(1.09)
16.16
(0.64)
10.16
(0.40)
5.00
(0.20)
3.05
(0.12)
8.50
(0.33)
Bottom View
Min.
Printed Face
10.16
(0.40)
5.00
(0.20)
3.05
(0.12)
8.50
(0.33)
Min.
Min.
Min.
Printed Face
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - BD-2412S4LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BD-2412S4 BOTHHAND-BD-2412S4 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results

Similar Description - BD-2412S4LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com