Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5-0505D3(H)LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B5-0505D3(H)LF
Description  1.5~3W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B5-0505D3(H)LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B5-0505D3(H)LF Datasheet HTML 1Page - Bothhand USA, LP. B5-0505D3(H)LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B5 LF Series
1.5~3W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com
8
Technical Specification (2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
4) 1.5 W Dual Output Series
B5-053R6D1(H) LF
± 3.6
± 200
28
443
70
± 2
65
B5-0505D1(H) LF
5
± 5
± 150
25
454
70
± 2
66
B5-1205D1(H) LF
± 5
± 150
16
184
70
± 2
68
B5-1212D1(H) LF
12
± 12
± 63
16
181
100
± 2
69
B5-2405D1(H) LF
± 5
± 150
5
96
70
± 2
65
B5-247R2D1(H) LF
± 7.2
± 100
5
91
75
± 2
66
B5-2415D1(H) LF
24
± 15
± 50
4
91
120
± 2
69
5) 2.0 W Dual Output Series
B5-0505D2(H) LF
± 5
± 200
45
615
70
± 2
65
B5-0512D2(H) LF
5
± 12
± 83
43
606
100
± 2
66
B5-1205D2(H) LF
12
± 5
± 200
18
252
70
± 2
66
B5-2405D2(H) LF
± 5
± 200
5
128
70
± 2
65
B5-2412D2(H) LF
24
± 12
± 83
5
121
100
± 2
69
6) 3.0 W Dual Output Series
B5-0505D3(H) LF
± 5
± 300
50
938
70
± 2
64
B5-0512D3(H) LF
5
± 12
± 125
45
910
100
± 2
66
B5-1205D3(H) LF
± 5
± 300
20
378
70
± 2
66
B5-1212D3(H) LF
12
± 12
± 125
20
362
100
± 2
69
B5-2405D3(H) LF
± 5
± 300
6
192
70
± 2
65
B5-2412D3(H) LF
± 12
± 125
6
181
100
± 2
69
B5-2415D3(H) LF
24
± 15
± 100
6
181
120
± 2
69
Mechanical Dimensions (2/2):
Plastic Case Model
27.94
(1.10)
2.54
(0.10)
31.75
(1.25)
20.32
(0.80)
15.24
(0.60)
φ0.50
(0.02)
Pb
27.63
(1.09)
16.16
(0.64)
10.16
(0.40)
Date Code
8.50
(0.33)
5.00
(0.20)
3.05
(0.12)
B5-1205S2P LF
IN=12Vdc
OUT=5Vdc
Bottom View
Min.
Pin
Single Output
Pin
1
+Vin
+Vin
24
2~3
NC
NC
22~23
4~9 No Pin No Pin 16~21
10
-Vo
-Vo
15
11
+Vo
+Vo
14
12
-Vin
-Vin
13
Pin
Dual Output
Pin
1
+Vin
+Vin
24
2~3
-Vo
-Vo
22~23
4~9 Common Common 16~21
10
No Pin
No Pin
15
11 Common Common
14
12
+Vo
+Vo
13


Similar Part No. - B5-0505D3(H)LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B5-0505D3 BOTHHAND-B5-0505D3 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
More results

Similar Description - B5-0505D3(H)LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BC-LF-SERIES BOTHHAND-BC-LF-SERIES Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
B5LF BOTHHAND-B5LF Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
BCLF BOTHHAND-BCLF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
B6LF BOTHHAND-B6LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
B6-LF-SERIES BOTHHAND-B6-LF-SERIES Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
   DC-DC CONVERTER 3W
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
   3W DC - DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com