Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B6-4812D2LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B6-4812D2LF
Description  1.5~3W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B6-4812D2LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B6-4812D2LF Datasheet HTML 1Page - Bothhand USA, LP. B6-4812D2LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B6 LF Series
1.5~3W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com
10
Technical Specification(2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
4) 1.5 W Dual Output Series
B6-123R3D1 LF
± 3.3
± 200
9
160
50
± 2
69
B6-1205D1 LF
9~18
± 5
± 150
9
169
50
± 2
74
B6-2405D1 LF
± 5
± 150
8
84
50
± 2
75
B6-2412D1 LF
± 12
± 63
8
80
100
± 2
79
B6-2415D1 LF
18~36
± 15
± 50
8
79
120
± 2
79
B6-4805D1 LF
± 5
± 150
3
42
50
± 2
74
B6-4815D1 LF
36~72
± 15
± 50
3
40
120
± 2
79
5) 2.0 W Dual Output Series
B6-1205D2 LF
± 5
± 200
9
225
60
± 2
74
B6-1212D2 LF
9~18
± 12
± 83
9
215
60
± 2
77
B6-2405D2 LF
18~36
± 5
± 200
6
110
60
± 2
76
B6-4805D2 LF
± 5
± 200
3
56
60
± 2
75
B6-4812D2 LF
36~72
± 12
± 83
3
53
100
± 2
78
6) 3.0 W Dual Output Series
B6-1205D3 LF
± 5
± 300
20
333
60
± 2
75
B6-1212D3 LF
9~18
± 12
± 125
23
321
100
± 2
78
B6-2405D3 LF
± 5
± 300
13
162
60
± 2
77
B6-2412D3 LF
18~36
± 12
± 125
15
156
100
± 2
80
B6-4805D3 LF
± 5
± 300
7
83
60
± 2
76
B6-4812D3 LF
± 12
± 125
8
79
100
± 2
79
B6-4815D3 LF
36~72
± 15
± 100
10
78
120
± 2
80
Mechanical Dimensions(2/2):
Plastic Case Model
27.94
(1.10)
2.54
(0.10)
31.75
(1.25)
20.32
(0.80)
15.24
(0.60)
φ0.50
(0.02)
Printed Face
B6-1205S2P LF
IN=9~18Vdc
OUT=5Vdc Pb
27.63
(1.09)
16.16
(0.64)
10.16
(0.40)
5.00
(0.20)
3.05
(0.12)
8.50
(0.33)
Min.
Bottom View
Pin
Single Output
Pin
1
+Vin
+Vin
24
2~3
NC
NC
22~23
4~9 No Pin No Pin 16~21
10
-Vo
-Vo
15
11
+Vo
+Vo
14
12
-Vin
-Vin
13
Pin
Dual Output
Pin
1
+Vin
+Vin
24
2
-Vo
-Vo
23
3
Common Common
22
4~9
No Pin
No Pin 16~21
10
Common Common
15
11
+Vo
+Vo
14
12
-Vin
-Vin
13


Similar Part No. - B6-4812D2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B6-4812S2LF BOTHHAND-B6-4812S2LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
B6-4812S3LF BOTHHAND-B6-4812S3LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Similar Description - B6-4812D2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BC-LF-SERIES BOTHHAND-BC-LF-SERIES Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
B5LF BOTHHAND-B5LF Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
BCLF BOTHHAND-BCLF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
B6LF BOTHHAND-B6LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
B5-LF-SERIES BOTHHAND-B5-LF-SERIES Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
   DC-DC CONVERTER 3W
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
   3W DC - DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com