Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5275IPFPT Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5275IPFPT
Description  8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5275IPFPT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5275IPFPT Datasheet HTML 5Page - Texas Instruments ADS5275IPFPT Datasheet HTML 6Page - Texas Instruments ADS5275IPFPT Datasheet HTML 7Page - Texas Instruments ADS5275IPFPT Datasheet HTML 8Page - Texas Instruments ADS5275IPFPT Datasheet HTML 9Page - Texas Instruments ADS5275IPFPT Datasheet HTML 10Page - Texas Instruments ADS5275IPFPT Datasheet HTML 11Page - Texas Instruments ADS5275IPFPT Datasheet HTML 12Page - Texas Instruments ADS5275IPFPT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
ADCLK
6X ADCLK
SERIAL DATA
1X ADCLK
LCLKP
LCLKN
OUTP
OUTN
ADCLKP
ADCLKN
Sample n data
Input
t
PROP
Sample n
Sample n+6
D3 D4 D5 D6 D7 D8 D9
D0
0
0
0
0
0
0
D1 D2
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
1
f
S
t
SAMPLE
2
6.5 Clock Cycles
0V
+AVDD
0V
+AVDD
Power
Supply
RESET
t
1
t
2
t
1 > TBD
t
2 > 100ns
PDN
Device Fully
Powers Down
Device Fully
Powers Up
1
µs
10
µs
ADS5275
SBAS300 – JANUARY 2004 – REVISED NOVEMBER 2004
LVDS TIMING DIAGRAM (PER ADC CHANNEL)
RESET TIMING
POWER-DOWN TIMING
9


Similar Part No. - ADS5275IPFPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270 TI-ADS5270 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5270IPFP BURR-BROWN-ADS5270IPFP Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results

Similar Description - ADS5275IPFPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com