Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1200 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM1200
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200 Datasheet(HTML) 1 Page - Analog Devices

  ADUM1200 Datasheet HTML 1Page - Analog Devices ADUM1200 Datasheet HTML 2Page - Analog Devices ADUM1200 Datasheet HTML 3Page - Analog Devices ADUM1200 Datasheet HTML 4Page - Analog Devices ADUM1200 Datasheet HTML 5Page - Analog Devices ADUM1200 Datasheet HTML 6Page - Analog Devices ADUM1200 Datasheet HTML 7Page - Analog Devices ADUM1200 Datasheet HTML 8Page - Analog Devices ADUM1200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Channel Digital Isolators
ADuM1200/ADuM1201
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Narrow body SOIC 8-lead package
Low power operation
5 V operation
1.1 mA per channel maximum @ 0 Mbps to 2 Mbps
3.7 mA per channel maximum @ 10 Mbps
8.2 mA per channel maximum @ 25 Mbps
3 V operation
0.8 mA per channel maximum @ 0 Mbps to 2 Mbps
2.2 mA per channel maximum @ 10 Mbps
4.8 mA per channel maximum @ 25 Mbps
Bidirectional communication
3 V/5 V level translation
High temperature operation: 105°C
High data rate: dc to 25 Mbps (NRZ)
Precise timing characteristics
3 ns maximum pulse-width distortion
3 ns maximum channel-to-channel matching
High common-mode transient immunity: > 25 kV/µs
Safety and regulatory approvals
UL recognition
2500 V rms for 1 minute per UL 1577
CSA component acceptance notice #5A
VDE certificate of conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
DIN EN 60950 (VDE 0805): 2001-12; DIN EN 60950: 2000
VIORM = 560 V peak
APPLICATIONS
Size-critical multichannel isolation
SPI® interface/data converter isolation
RS-232/RS-422/RS-485 transceiver isolation
Digital field bus isolation
GENERAL DESCRIPTION
The ADuM120x are dual-channel digital isolators based on
Analog Devices’ iCoupler® technology. Combining high speed
CMOS and monolithic transformer technology, these isolation
components provide outstanding performance characteristics
superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler devices
remove the design difficulties commonly associated with
optocouplers. The typical optocoupler concerns regarding
uncertain current transfer ratios, nonlinear transfer functions,
and temperature and lifetime effects are eliminated with the
simple iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discrete
components is eliminated with these iCoupler products.
Furthermore, iCoupler devices consume one-tenth to one-sixth
the power of optocouplers at comparable signal data rates.
The ADuM120x isolators provide two independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide). Both parts operate with the supply
voltage on either side ranging from 2.7 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling a
voltage translation functionality across the isolation barrier. In
addition, the ADuM120x provide low pulse-width distortion
(< 3 ns for CR grade) and tight channel-to-channel matching
(< 3 ns for CR grade). Unlike other optocoupler alternatives, the
ADuM120x isolators have a patented refresh feature that
ensures dc correctness in the absence of input logic transitions
and during power-up/power-down conditions.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
GND1
VDD2
VOA
VOB
GND2
1
2
3
4
8
7
6
5
Figure 1. ADuM1200 Functional Block Diagram
ENCODE
DECODE
DECODE
ENCODE
VDD1
VOA
VIB
GND1
VDD2
VIA
VOB
GND2
1
2
3
4
8
7
6
5
Figure 2. ADuM1201 Functional Block Diagram


Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com