Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT809LTBI-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT809LTBI-GT3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809LTBI-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT809LTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT809LTBI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT803, CAT809, CAT810
http://onsemi.com
5
TYPICAL OPERATING CHARACTERISTICS
(VCC = Full range, TA = −40°C to +85°C, unless otherwise specified. Typical values at TA = +25°C and VCC = 5 V for the
L/M/J versions, VCC = 3.3 V for the T/S versions, VCC = 3 V for the R version and VCC = 2.5 V for the Z version.)
Figure 2. Power−up Reset Timeout vs.
Temperature
Figure 3. Supply Current vs. Temperature
(No Load, CAT8xxR/S/T/Z)
TEMPERATURE (
°C)
TEMPERATURE (
°C)
150
100
50
0
−50
160
180
200
220
240
260
100
50
0
−50
0
4
6
8
10
12
Figure 4. Power−down Reset Delay vs.
Temperature (CAT8xxR/S/T/Z)
Figure 5. Normalized Reset Threshold vs.
Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
150
100
50
0
−50
0
4
10
14
120
100
80
60
40
20
0
0.9988
0.9990
0.9992
0.9998
1.0000
1.0002
150
0.9994
2
2
6
8
12
0.9996
VCC = 3.6 V
VCC = 5.5 V
VCC = 2.5 V
VCC = 5 V


Similar Part No. - CAT809LTBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809LTBI-GT3 CATALYST-CAT809LTBI-GT3 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
583Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI-GT3 ONSEMI-CAT809LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809LTBI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com