Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC709203F Datasheet(PDF) 7 Page - ON Semiconductor

Part # LC709203F
Description  Smart LiB Gauge Battery Fuel Gauge LSI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203F Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC709203F_16 Datasheet HTML 3Page - ON Semiconductor LC709203F_16 Datasheet HTML 4Page - ON Semiconductor LC709203F_16 Datasheet HTML 5Page - ON Semiconductor LC709203F_16 Datasheet HTML 6Page - ON Semiconductor LC709203F_16 Datasheet HTML 7Page - ON Semiconductor LC709203F_16 Datasheet HTML 8Page - ON Semiconductor LC709203F_16 Datasheet HTML 9Page - ON Semiconductor LC709203F_16 Datasheet HTML 10Page - ON Semiconductor LC709203F_16 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC709203F
www.onsemi.com
7
Table 5. I
2C Slave Characteristics at Ta = 40 to +85C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
unit
VDD [V]
min
Max
Clock frequency
TSCL
SCL
2.5 to 4.5
400
kHz
Bus free time between STOP
condition and START
condition
TBUF
SCL, SDA
See Fig. 5.
1.3
s
Hold time (repeated) START
condition
First clock pulse is generated
after this interval
THD:STA
SCL, SDA
See Fig. 5.
0.6
s
Repeated START condition
setup time
TSU:STA
SCL, SDA
See Fig. 5.
0.6
s
STOP condition setup time
TSU:STO
SCL, SDA
See Fig. 5.
0.6
s
Data hold time
THD:DAT
SCL, SDA
See Fig. 5.
0
0.9
s
Data setup time
TSU:DAT
SCL, SDA
See Fig. 5.
100
ns
Clock low period
TLOW
SCL
See Fig. 5.
1.3
s
Clock high period
THIGH
SCL
See Fig. 5.
0.6
s
Clock/data fall time
TF
SCL, SDA
20 + 0.1CB
300
ns
Clock/data rise time
TR
SCL, SDA
20 + 0.1CB
300
ns
Wake up time from Sleep
mode
TWU
SDA
See Fig. 6.
400
s
SDA low pulse width to wake
up
TSP
SDA
See Fig. 6.
0.6
s
Wake up retention time from
the falling edge of SDA
TWR1
SDA
See Fig. 6.
500
ms
Wake up retention time from
STOP condition
TWR2
SCL, SDA
See Fig. 6.
500
ms
SCL
SDA
Figure 5. I2C Timing Diagram
t HD:STA
t SU:STO
tBUF
t
LOW
t HD:DAT
t HIGH
t R
t F
t SU:DAT
t SU:STA
t HD:STA
PS
S
P


Similar Part No. - LC709203F_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203FQH-01TWG ONSEMI-LC709203FQH-01TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-02TWG ONSEMI-LC709203FQH-02TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-03TWG ONSEMI-LC709203FQH-03TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FQH-04TWG ONSEMI-LC709203FQH-04TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203FXE-01MH ONSEMI-LC709203FXE-01MH Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
More results

Similar Description - LC709203F_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com