Electronic Components Datasheet Search |
|
C44UHGT6600G8TK Datasheet(PDF) 1 Page - Kemet Corporation |
|
C44UHGT6600G8TK Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com F3049_C44U_RADIAL • 8/8/2016 1 One world. One KEMET Benefits • Controlled self-healing • Low losses • High ripple current • High capacitance density • Long lifetime Overview The C44U Series is a polypropylene segmented metallized film with cylindrical aluminium can type filled with resin, screw terminals and plastic deck. Applications Typical applications include DC filtering and energy storage. Aluminum Can Power Film Capacitors C44U Series, 600 – 1,300 VDC, for DC Link Part Number System C4 4 U Q G T 6 5 0 0 F 8 S K Series DC Voltage Case and Fixing Terminals Code Capacitance Code (pF) Variants Case Diameter Film Type Tolerance C4 = MKP Capacitors for Power Applications 4 = Cylindrical types U = DC link H = 600 V J = 700 V O = 900 V Q = 1,100 V U = 1,300 V G = Cylindrical case with threaded bolt M12 E = Cylindrical case without threaded bolt T = M6 female terminals Q = M8 male terminals Y = M8 female terminals Digits 9, 10 & 11 indicate the first 3 digits of capacitance value. Digit 8 indicates the number of zeros to be added. A = 85°C Hot Spot temperature series F/G = 70°C Hot Spot temperature series 7 = 76 mm 8 = 85 mm T = Standard film S = Segmented film J = 5% K = 10% |
Similar Part No. - C44UHGT6600G8TK |
|
Similar Description - C44UHGT6600G8TK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |