Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44UUGQ5900F7SK Datasheet(PDF) 7 Page - Kemet Corporation

Part # C44UUGQ5900F7SK
Description  600 ??1,300 VDC, for DC Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44UUGQ5900F7SK Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C44UUGQ5900F7SK Datasheet HTML 2Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 3Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 4Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 5Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 6Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 7Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 8Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 9Page - Kemet Corporation C44UUGQ5900F7SK Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 8/8/2016
7
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production.
In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the
use of some hazardous materials, like Lead (Pb), in electronic equipment. All products in this catalog are produced to help
our customers' obligations to guarantee their products to fulfill these legislative requirements. The only material of concern
in our products has been Lead (Pb), which has been removed from all designs to fulfill the requirement of containing less
than 0.1% of Lead in any homogeneous material.
KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever
needed.
Some customer segments like Medical, Military and Automotive Electronics may still require the use of Lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Because of customer requirements there may appear additional markings like LF = Lead Free or LFW = Lead Free Wires on
the label.
All KEMET power film products are RoHS Compliant.
Materials & Environment
The selection of materials used by KEMET for the production of capacitors is the result of extensive experience and
constant attention to environmental protection. KEMET selects its suppliers according to ISO 9001 standards and carries out
statistical analysis on the materials purchased before acceptance. All materials are, to the company's present knowledge,
non-toxic and free from Cadmium, Mercury, Chrome and compounds, PCB (Polychlorine Triphenyl), Bromide and Chlorine
Dioxins Bromurate Clorurate, CFC and HCFC and Asbestos.
Green Products
All KEMET power film products are ROHS Compliant.
Insulation Resistance
When the capacitor temperature increases, the insulation resistance decreases. This is due to increased electron activity.
Low insulation resistance can also be the result of moisture trapped in the windings, caused by a prolonged exposure to
excessive humidity.
Dissipation Factor
Dissipation factor is a complex function involved with the inefficiency of the capacitor. The tgδ may change up and down
with increased temperature. For more information, please refer to Performance Characteristics.


Similar Part No. - C44UUGQ5900F7SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UUGT6165M81K KEMET-C44UUGT6165M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 165 uF, 10%, 1300 VDC
C44UUGT6165T81K KEMET-C44UUGT6165T81K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
C44UUGT6200M82K KEMET-C44UUGT6200M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 200 uF, 10%, 1300 VDC
C44UUGT6200T82K KEMET-C44UUGT6200T82K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
C44UUGT6220M83K KEMET-C44UUGT6220M83K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 220 uF, 10%, 1300 VDC
More results

Similar Description - C44UUGQ5900F7SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK_17 Datasheet
388Kb / 9P
   C44U Series, 600 - 1,300 VDC, for DC Link
C44UHGT7110M85K KEMET-C44UHGT7110M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 600 VDC
C44UHGT7130M86K KEMET-C44UHGT7130M86K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1300 uF, 10%, 600 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UHGT7210M87K KEMET-C44UHGT7210M87K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 2100 uF, 10%, 600 VDC
C44UHGT7100M84K KEMET-C44UHGT7100M84K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1000 uF, 10%, 600 VDC
C44UHGT6650M81K KEMET-C44UHGT6650M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 650 uF, 10%, 600 VDC
C44UHGT6800M82K KEMET-C44UHGT6800M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 800 uF, 10%, 600 VDC
C44UOGT6600M85K KEMET-C44UOGT6600M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 600 uF, 10%, 900 VDC
logo
Tyco Electronics
A-712T MACOM-A-712T Datasheet
67Kb / 1P
   DC Relays 600 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com