Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP372 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP372
Description  Positive and Negative Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP372 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP372 Datasheet HTML 4Page - ON Semiconductor NCP372 Datasheet HTML 5Page - ON Semiconductor NCP372 Datasheet HTML 6Page - ON Semiconductor NCP372 Datasheet HTML 7Page - ON Semiconductor NCP372 Datasheet HTML 8Page - ON Semiconductor NCP372 Datasheet HTML 9Page - ON Semiconductor NCP372 Datasheet HTML 10Page - ON Semiconductor NCP372 Datasheet HTML 11Page - ON Semiconductor NCP372 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP372
http://onsemi.com
8
Operation
The NCP372 provides overvoltage protection for
positive and negative voltages, up to 28 V or down to
−28 V. The negative protection is ensured by an internal
Low RDS(on) NMOS FET. A second internal Low RDS(on)
NMOS FET protects the systems (i.e.: charger) connected
on the Vout pin, against positive overvoltage. At powerup,
with EN pin = low, the output rises ton seconds after the
input overtakes the undervoltage UVLO (Figure 3). The
NCP372 provides a FLAG output, which alerts the system
that a fault has occurred. The FLAG signal rises tstart
seconds after the output signal rises. FLAG pin is an open
drain output.
Undervoltage Lockout (UVLO)
To ensure proper operation under any condition, the
device has a built−in undervoltage lockout (UVLO) circuit.
During Vin positive going slope, the output remains
disconnected from input until Vin voltage is 2.7 V nominal.
The FLAG output remains low as long as Vin does not reach
UVLO threshold. This circuit has a built in hysteresis to
provide noise immunity to transient conditions.
Overvoltage Lockout (OVLO)
To protect connected systems on Vout pin from
overvoltage, the device has a built−in overvoltage lockout
(OVLO) circuit. During overvoltage condition, the output
remains disabled until the input voltage exceeds 6.3 V.
FLAG output remains low until Vin is higher than OVLO.
This circuit has a built in hysteresis to provide noise
immunity to transient conditions.
FLAG Output
The NCP372 provides a FLAG output, which alerts
external systems that a fault has occurred.
This pin goes low as soon the OVLO threshold is
exceeded or when the Vin level is below the UVLO
threshold. When Vin level recovers normal condition,
FLAG goes high, after tstart delay following the output
response. The pin is an open drain output, thus a pullup
resistor (typically 1.0 M
W, minimum 10 kW) must be
provided to VCC. The FLAG level always reflects Vin
status, even if the device is turned off (EN = 1).
EN Input
To enable normal operation, the EN pin shall be forced
low or connected to ground. A high level on the pin,
disconnects OUT pin from IN pin. EN does not overdrive
an OVLO or UVLO fault.
Negative Voltage and Reverse Current
The built−in NMOS protects the downstream system
from negative voltages occurring on IN pin down to −28 V.
The same NMOS avoids reverse currents that could
discharge the battery.
When a fault occurs, the output is disconnected from IN
pin and FLAG goes low.


Similar Part No. - NCP372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP372MUAITXG ONSEMI-NCP372MUAITXG Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
More results

Similar Description - NCP372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
NCP391 ONSEMI-NCP391_14 Datasheet
264Kb / 14P
   Positive Overvoltage Protection Controller
May, 2014 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com