Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP372MUAITXG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP372MUAITXG
Description  Positive and Negative Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP372MUAITXG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP372MUAITXG Datasheet HTML 2Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 3Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 4Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 5Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 6Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 7Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 8Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 9Page - ON Semiconductor NCP372MUAITXG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP372
http://onsemi.com
6
TYPICAL OPERATING CHARACTERISTICS
Figure 7. ton, tstart, EN = low
(10 ms/div, Ch1: Vin, Ch2: Vout, Ch3: FLAG)
Figure 8. tstart, EN = low
(10 ms/div, Ch1: Vin, Ch2: Vout, Ch3: FLAG)
Figure 9. Vin rise to fault
(400 ns/div, Ch1: Vin, Ch2: Vout, Ch3: FLAG)
Figure 10. Vin rise to fault
(100 ms/div, Ch1: Vin, Ch2: Vout, Ch3: FLAG)
Figure 11. Disable time
(200 ms/div, Ch1: Vin, Ch2: Vout, Ch3: FLAG,
Ch4: EN)
Figure 12. EN on & off
(200 ms/div, Ch1: Vin, Ch2: Vout, Ch3: FLAG,
Ch4: EN)


Similar Part No. - NCP372MUAITXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP372MUAITXG ONSEMI-NCP372MUAITXG Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
More results

Similar Description - NCP372MUAITXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
NCP391 ONSEMI-NCP391_14 Datasheet
264Kb / 14P
   Positive Overvoltage Protection Controller
May, 2014 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com