Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP398 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP398
Description  USB Type-C VCONN Overvoltage Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP398 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP398 Datasheet HTML 2Page - ON Semiconductor NCP398 Datasheet HTML 3Page - ON Semiconductor NCP398 Datasheet HTML 4Page - ON Semiconductor NCP398 Datasheet HTML 5Page - ON Semiconductor NCP398 Datasheet HTML 6Page - ON Semiconductor NCP398 Datasheet HTML 7Page - ON Semiconductor NCP398 Datasheet HTML 8Page - ON Semiconductor NCP398 Datasheet HTML 9Page - ON Semiconductor NCP398 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP398
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 4. Ron vs. Vin, Overtemperature
Figure 5. Ron vs. Temperature, at Fixed Vin
Voltage
VIN (V)
TEMPERATURE (
°C)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
0
50
100
150
200
250
300
400
100
80
60
40
20
0
−20
−40
0
50
100
150
250
300
350
400
Figure 6. Standby Current vs. Vin, Over
Temperature
Figure 7. Standby Current vs. Vin, Over
Temperature
VIN (V)
VIN (V)
6
5
4
3
2
1
0
0
1
2
3
30
25
20
15
10
5
0
−5
0
5
10
15
30
40
45
Figure 8. Quiescent Current vs. Vin, Over
Temperature
Figure 9. Quiescent Current vs. Vin, Over
Temperature
VIN (V)
VIN (V)
6
5
4
3
2
1
0
0
20
40
60
80
100
120
30
25
35
20
15
10
5
0
0
20
40
60
80
100
120
350
Temp = 125
°C
105
°C
85
°C
50
°C
−25
°C
0
°C
25
°C
−40
°C
200
120
Temp = 85
°C
VIN = 2.8 V
VIN = 5.0 V
Temp = 25
°C
Temp = −40
°C
Temp = 85
°C
Temp = 25
°C
Temp = −40
°C
20
25
35
Temp = 85
°C
Temp = 25
°C
Temp = −40
°C
Temp = 125
°C
Temp = 85
°C
Temp = 25
°C
Temp = −40
°C


Similar Part No. - NCP398

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985 ONSEMI-NCP3985 Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985 ONSEMI-NCP3985 Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN18T1G ONSEMI-NCP3985SN18T1G Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN25T1G ONSEMI-NCP3985SN25T1G Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP398

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WUSB3831Q WILLSEMI-WUSB3831Q Datasheet
699Kb / 15P
   USB Type-C CC Adapter with Vconn Support
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
   USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
ON Semiconductor
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
   USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
Maxim Integrated Produc...
MAX20323A MAXIM-MAX20323A Datasheet
603Kb / 13P
   USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
logo
Texas Instruments
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
[Old version datasheet]   USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
   USB type-C port protection
Rev 1 - September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com