Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP391FCALT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP391FCALT2G
Description  Positive Overvoltage Protection Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP391FCALT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP391FCALT2G Datasheet HTML 1Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 2Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 3Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 4Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 5Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 6Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 7Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 8Page - ON Semiconductor NCP391FCALT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP391
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS − NCP391FCCADT2G (Min/Max limits values (−40
°C < TA < +85°C) and Vin = +4.2 V. Typical
values are TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
Vin
1.2
28
V
Undervoltage Lockout Threshold (Note 5)
UVLO
Vin falls below UVLO threshold
from 4.2 V to 2.7 V
2.8
2.95
3.1
V
Undervoltage Lockout Hysteresis
UVLOhyst
Vin rises above UVLO + UVLOhyst
30
60
90
mV
Overvoltage Lockout Threshold (Note 5)
OVLO
Vin rises above OVLO threshold
4.8
4.95
5.1
V
Overvoltage Lockout Hysteresis
OVLOhyst
Vin falls below OVLO + OVLOhyst
50
100
150
mV
Vin versus Vout Resistance
RDS(on)
Vin = 4.2 V, EN = GND,
Load connected to Vout
120
200
m
W
Supply Quiescent Current
Idd
No load. EN = 4.2 V
70
150
mA
No load. EN = Gnd
90
170
mA
UVLO Supply Current
Idduvlo
VIN = 2.7 V
60
mA
MOSFET Leakage
Ivdss
VIN = 28 V
10
500
nA
FLAG Output Low Voltage
Volflag
1.2 V < VIN < UVLO
Sink 50
mA on/FLAG pin
20
400
mV
VIN > OVLO
Sink 1.0 mA on FLAG pin
400
mV
FLAG Leakage Current
FLAGleak
FLAG level = 4.2 V
1.0
nA
EN Voltage High
Vih
1.2
4.95
V
EN Voltage Low
Vol
0.4
V
EN Leakage Current
ENleak
EN = 4.2 V or GND
1.0
nA
Thermal Shutdown Temperature
tSD
150
°C
Thermal Shutdown Hysteresis
tSDhyst
15
°C
TIMINGS
Startup Delay
ton
From Vin > UVLO to Vout = 0.3 V
(See Figures 3 & 7)
6.0
10
14
ms
FLAG Going Up Delay
tstart
From Vout = 0.3 V to FLAG = 1.2 V
(See Figures 3 & 9)
6.0
10
14
ms
Output Turn Off Time
toff
From Vin > OVLO to Vout < = 0.3 V
(See Figures 4 & 8)
Vin increasing from 4.2 V to 8.0 V
at 3.0 V/
ms
Rload connected on Vout
1.5
5.0
ms
Alert Delay
tstop
From Vin > OVLO to FLAG < =
0.4 V (See Figures 4 & 10)
Vin increasing from 4.2 V to 8.0 V
at 3.0 V/
ms
Rload connected on Vout
1.0
ms
Disable Time
tdis
From EN > = 1.2 V to
Vout < 0.3 V
Rload = 5.0
W
(See Figures 5 & 12)
1.0
5.0
ms
NOTE:
Electrical parameters are guaranteed by correlation across the full range of temperature.
5. Additional UVLO and OVLO thresholds ranging from UVLO and from OVLO can be manufactured. Contact your ON Semiconductor
representative for availability.


Similar Part No. - NCP391FCALT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP391FCALT2G ONSEMI-NCP391FCALT2G Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391FCALT2G ONSEMI-NCP391FCALT2G Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
More results

Similar Description - NCP391FCALT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
NCP372 ONSEMI-NCP372_10 Datasheet
230Kb / 12P
   Positive and Negative Overvoltage Protection Controller
October, 2010 ??Rev. 1
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com