Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP431 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP431
Description  Programmable Precision References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP431 Datasheet HTML 1Page - ON Semiconductor NCP431 Datasheet HTML 2Page - ON Semiconductor NCP431 Datasheet HTML 3Page - ON Semiconductor NCP431 Datasheet HTML 4Page - ON Semiconductor NCP431 Datasheet HTML 5Page - ON Semiconductor NCP431 Datasheet HTML 6Page - ON Semiconductor NCP431 Datasheet HTML 7Page - ON Semiconductor NCP431 Datasheet HTML 8Page - ON Semiconductor NCP431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Symbol
Characteristic
NCP431AC
NCP431AI
NCP431AV/
SC431AV
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Vref
Reference Input Voltage
VKA = Vref, IK = 1 mA
TA = 25°C
TA = Tlow to Thigh (Figure 3, Note 2)
2.475
2.475
2.500
2.500
2.525
2.525
2.475
2.465
2.500
2.500
2.525
2.525
2.475
2.460
2.500
2.500
2.525
2.525
V
DVrefT
Reference Input Voltage Deviation Over Temperat-
ure Range (Figure 3, Notes 3, 4)
VKA= Vref, IK = 1 mA
5.0
10
10
15
mV
DVref
DVKA
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage
IK = 1 mA (Figure 4),
DVKA = 10 V to Vref
DVKA = 36 V to 10 V
−1.85
−0.80
−3.1
−1.8
−1.85
−0.80
−3.1
−1.8
−1.85
−0.80
−3.1
−1.8
mV/
V
Iref
Reference Input Current (Figure 4)
IK = 1 mA, R1 = 220 k, R2 = R
TA = −40°C to +125°C
81
190
81
190
81
190
nA
DIrefT
Reference Input Current Deviation Over Temperat-
ure Range (Figure 4, Note 3)
IK = 1 mA, R1 = 10 k, R2 = R
22
55
22
55
22
55
nA
Imin
Minimum Cathode Current For Regulation
VKA = Vref (Figure 3)
4
0
60
4
0
60
4
0
60
mA
Ioff
Off−State Cathode Current (Figure 5)
VKA = 36 V, Vref = 0 V
180
1000
180
1000
180
1000
nA
|ZKA|
Dynamic Impedance (Figure 3, Note 5)
VKA = Vref, DIK = 1.0 mA to 100 mA
f
v 1.0 kHz
0.22
0.5
0.22
0.5
0.22
0.5
W
2. Tlow
= −40
°C for NCP431AI, NCP431AV, SC431AV
= 0
°C for NCP431AC
Thigh = 70°C for NCP431AC
= 85
°C for NCP431AI
= 125
°C for NCP431AV, SC431AV
3. Guaranteed by design
4. The deviation parameter
DVrefT is defined as the difference between the maximum and minimum values obtained over the full operating
ambient temperature range that applies.
The average temperature coefficient of the reference input voltage, Vref is defined as:
V
ref
ppm
° C
+
DV
ref
V
ref
@25
° C
106
DT
A
+
DV
ref
106
DT
A
V
ref
@25
° C
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature.
Example:
DVrefT = 17 mV and slope is positive
Vref = 2.5 V, DTA = 165°C (from −40°C to +125°C)
aV
ref +
0.017
@ 106
165
@ 2.5
+ 41.2 ppm ° C
5. The dynamic impedance ZKA is defined as: (|ZKA| = (DVKA/DIK). When the device is programmed with two external resistors, R1 and R2,
the total dynamic impedance of the circuit is defined as: |ZKA’| [ |ZKA| (1 + (R1/R2)).
6. SC431AVSNT1G − Tlow = −40°C, Thigh = 125°C. Guaranteed by design. SC Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.


Similar Part No. - NCP431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
NCP4318AHJ ONSEMI-NCP4318AHJ Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
NCP4318ALC ONSEMI-NCP4318ALC Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
NCP4318ALS ONSEMI-NCP4318ALS Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
NCP4318BLC ONSEMI-NCP4318BLC Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
More results

Similar Description - NCP431

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com