Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT825TSDI-GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT825TSDI-GT3
Description  System Supervisory Voltage Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT825TSDI-GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT825TSDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT825TSDI-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT823, CAT824, CAT825
http://onsemi.com
6
Watchdog Timer
The CAT823 and CAT824 provide a Watchdog input
(WDI). The watchdog timer function forces RESET (and
RESET in the CAT824) signals active when the WDI input
does not have a transition from low−to−high or high−to−low
within 1.12 seconds. Timeout of the watchdog starts when
RESET (RESET on the CAT824) becomes inactive. If a
transition occurs on the WDI input pin prior to the watchdog
time−out, the watchdog timer is reset and begins to time−out
again. If the watchdog timer is allowed to time−out, then the
reset output(s) will go active for tRP and once released will
repeat the watchdog timeout process.
Figure 6 below shows a typical implementation of a
watchdog function. Any processor signal that repeats
dependant on the normal operation of the processor or
directed by the software operating on the processor can be
used to strobe the watchdog input. The most reliable is a
dedicated I/O output transitioned by a specific software
instruction.
The watchdog can be disabled by floating (or tri−stating)
the WDI input (see Figure 7). If the watchdog is disabled the
WDI pin will be pulled low for the first 7/8th’s of the
watchdog period (tWD) and pulled high for the last 1/8th of
the watchdog period. This pulling low of the WDI input and
then high is used to detect an open or tri−state condition and
will continue to repeat until the WDI input is driven high or
low.
For most efficient operation of devices with the watchdog
function the WDI input should be held low the majority of
the time and only strobed high as required to reset the
watchdog timer.
Figure 6. Watchdog Timer
CAT823
PIC
μC
DECODER
ADDRESS
GND
WDI
Supply
Voltage
VCC
RESET
MR
MCLR
Figure 7. Watchdog Disable Circuit
mC
OUTPUT
Tristate
150 kW
CAT823
GND
WDI
MR
RESET
110 kW
VCC
VCC
Figure 8. Timing Diagram – Strobe Input
WDI
INVALID
STROBE
VALID
STROBE
MIN.
MAX.
INDETERMINATE
STROBE
RESET
tWD


Similar Part No. - CAT825TSDI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT825TSDI-GT3 ONSEMI-CAT825TSDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT825TSDI-GT3 ONSEMI-CAT825TSDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT825TSDI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT823 ONSEMI-CAT823_12 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com