Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX809SN120T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MAX809SN120T1G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX809SN120T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MAX809SN120T1G Datasheet HTML 1Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 2Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 3Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 4Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 5Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 6Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 7Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 8Page - ON Semiconductor MAX809SN120T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX809 Series, MAX810 Series
www.onsemi.com
3
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground
2
RESET (MAX809)
RESET output remains low while VCC is below the reset voltage threshold, and for a reset timeout
period after VCC rises above reset threshold
2
RESET (MAX810)
RESET output remains high while VCC is below the reset voltage threshold, and for a reset timeout
period after VCC rises above reset threshold
3
VCC
Supply Voltage (Typ)
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
−0.3 to 6.0
V
RESET Output Voltage (CMOS)
−0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current, RESET
20
mA
dV/dt (VCC)
100
V/
msec
Thermal Resistance, Junction−to−Air (Note 1)
SOT−23
SC−70
RqJA
301
314
°C/W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
Tsol
+260
°C
ESD Protection
Human Body Model (HBM): Following Specification JESD22−A114
Machine Model (MM): Following Specification JESD22−A115
2000
200
V
Latchup Current Maximum Rating: Following Specification JESD78 Class II
Positive
Negative
ILatchup
200
200
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This based on a 35x35x1.6mm FR4 PCB with 10mm2 of 1 oz copper traces under natural convention conditions and a single component
characterization.
2. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
R
qJA
with TJ(max) = 150°C


Similar Part No. - MAX809SN120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809SN120T1G ONSEMI-MAX809SN120T1G Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
MAX809SN120T1G ONSEMI-MAX809SN120T1G Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809SN120T1G ONSEMI-MAX809SN120T1G Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
More results

Similar Description - MAX809SN120T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com