Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4300A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4300A
Description  Dual Operational Amplifier and Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4300A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4300A_09 Datasheet HTML 1Page - ON Semiconductor NCP4300A_09 Datasheet HTML 2Page - ON Semiconductor NCP4300A_09 Datasheet HTML 3Page - ON Semiconductor NCP4300A_09 Datasheet HTML 4Page - ON Semiconductor NCP4300A_09 Datasheet HTML 5Page - ON Semiconductor NCP4300A_09 Datasheet HTML 6Page - ON Semiconductor NCP4300A_09 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NCP4300A
http://onsemi.com
5
55
50
60
65
Figure 8. Common Mode Rejection Ratio
vs. Supply Voltage
VCC, SUPPLY VOLTAGE (V)
030
20
10
40
VCC = 3.0 V to 35 V
105°C
25°C
0°C
DETAILED OPERATING DESCRIPTION
INTRODUCTION
Power supplies and battery chargers require precise
control of output voltage and current in order to prevent
catastrophic damage to the system connected. Many present
day power sources contain a wide assortment of building
blocks and glue devices to perform the required sensing for
proper regulation. Typical feedback loop circuits may
consist of a voltage and current amplifier, summing circuitry
and a reference. The NCP4300A contains all of these basic
functions in a manner that is easily adaptable to many of the
various power source−load configurations.
OPERATING DESCRIPTION
The NCP4300A is an analog regulation control circuit that
is designed to simultaneously close the voltage and current
feedback loops in power supply and battery charger
applications. This device can control the feedback loop in
either constant−voltage (CV) or constant−current (CC)
mode with smooth crossover. A concise description of the
integrated circuit blocks is given in below. The functional
block diagram of the IC is shown in Figure 1.
Internal Reference
An internal precision band gap reference is used to set the
2.6 V voltage threshold and current threshold setting. The
reference is initially trimmed to a
±0.5% tolerance at
TA = 25_C and is guaranteed to be within ±1.0% over an
ambient temperature range of 0
_C to 105_C.
Voltage Sensing Operational Amplifier (Op−Amp 1)
The internal Op−Amp 1 is designed to perform the voltage
control function. The non−inverting input of the op−amp is
connected to the precision voltage reference internally. The
inverting input of the op−amp monitors the voltage
information derived from the system output. As the control
threshold is internally connected to the voltage reference,
the voltage regulation threshold is fixed at 2.6 V. For any
output voltage from 2.6 V up to the maximum limit can be
configurated with an external resistor divider. The output
terminal of Op−Amp 1 (pin 1) provides the error signal for
output voltage control. The output pin also provides a means
for external compensation.
Independent Operational Amplifier (Op−Amp 2)
The internal Op−Amp 2 is configurated as a general
purpose op−amp with all terminals available for the user.
With the low offset voltage provided, 0.5 mV, this op−amp
can be used for current sensing in a constant current
regulator.


Similar Part No. - NCP4300A_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP4300A_09

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com