Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP382LD10AAR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP382LD10AAR2G
Description  Fixed Current-Limiting Power-Distribution Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382LD10AAR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP382LD10AAR2G Datasheet HTML 4Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 5Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 6Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 7Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 8Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 9Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 10Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 11Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP382
www.onsemi.com
8
Enable Input
Enable pin must be driven by a logic signal (CMOS or
TTL compatible) or connected to the GND or VIN. A logic
low on ENX or high on ENX turns−on the device. A logic
high on ENX or low on ENX turns off device and reduces
the current consumption down to IINOFF
.
Blocking Control
The blocking control circuitry switches the bulk of the
power MOS. When the part is off, the body diode limits the
leakage current IREV from OUTX to IN. In this mode, anode
of the body diode is connected to IN pin and cathode is
connected to OUTX pin. In operating condition, anode of
the body diode is connected to OUTX pin and cathode is
connected to IN pin preventing the discharge of the power
supply.
APPLICATION INFORMATION
Power Dissipation
The junction temperature of the device depends on
different contributing factors such as board layout, ambient
temperature, device environment, etc... Yet, the main
contributor in term of junction temperature is the power
dissipation of the power MOSFET. Assuming this, the
power dissipation and the junction temperature in normal
mode can be calculated with the following equations:
P
D + RDS(on)
I
OUT1
2
) I
OUT2
2
(eq. 2)
PD
= Power dissipation (W)
RDS(on)
= Power MOSFET on resistance (
W)
IOUTx
= Output current in channel X (A)
T
J + PD
RqJA ) TA
(eq. 3)
TJ
= Junction temperature (
°C)
RqJA
= Package thermal resistance (
°C/W)
TA
= Ambient temperature (
°C)
Power dissipation in regulation mode can be calculated by
taking into account the drop VIN −VOUTX link to the load by
the following relation:
P
D +
V
IN * RLOAD1
I
OCP ) VIN * RLOAD2
I
OCP
(eq. 4)
I
OCP
PD
= Power dissipation (W)
VIN
= Input Voltage (V)
RLOADX
= Load Resistance on channel X (
W)
IOCP
= Output regulated current (A)
PCB Recommendations
The NCP382 integrates two PMOS FET rated up to 2 A,
and the PCB design rules must be respected to properly
evacuate the heat out of the silicon. The DFN8 PAD1 must
be connected to ground plane to increase the heat transfer if
necessary. Of course, in any case, this pad must not connect
to any other potential. By increasing PCB area, the RqJA of
the package can be decreased, allowing higher current
.


Similar Part No. - NCP382LD10AAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382LD10AAR2G ONSEMI-NCP382LD10AAR2G Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
More results

Similar Description - NCP382LD10AAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
   Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com