Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS5132 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NIS5132
Description  12 Volt Electronic Fuse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5132 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NIS5132_14 Datasheet HTML 3Page - ON Semiconductor NIS5132_14 Datasheet HTML 4Page - ON Semiconductor NIS5132_14 Datasheet HTML 5Page - ON Semiconductor NIS5132_14 Datasheet HTML 6Page - ON Semiconductor NIS5132_14 Datasheet HTML 7Page - ON Semiconductor NIS5132_14 Datasheet HTML 8Page - ON Semiconductor NIS5132_14 Datasheet HTML 9Page - ON Semiconductor NIS5132_14 Datasheet HTML 10Page - ON Semiconductor NIS5132_14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NIS5132 Series
http://onsemi.com
9
Undervoltage Lockout
The undervoltage lockout circuit uses a comparator with
hysteresis to monitor the input voltage. If the input voltage
drops below the specified level, the output switch will be
switched to a high impedance state.
dv/dt Circuit
The dv/dt circuit brings the output voltage up under a
linear, controlled rate regardless of the load impedance
characteristics. An internal ramp generator creates a linear
ramp, and a control circuit forces the output voltage to
follow that ramp, scaled by a factor.
The default ramp time is approximately 2 ms. This can be
modified by adding an external capacitor at the dv/dt pin.
This pin includes an internal current source of
approximately 85 nA. Since the current level is very low, it
is important to use a ceramic cap or other low leakage
capacitor. Aluminum electrolytic capacitors are not
recommended for this circuit.
The ramp time from 0 to the nominal output voltage can
be determined by the following equation, where t is in
seconds:
t0*12 + 24e6 @ 50 pF ) Cext
Cext +
t0−12
24e6
* 50 pF
Where:
C is in Farads
t is in seconds
Any time that the unit shuts down due to a fault, enable
shut−down, or recycling of input power, the timing capacitor
will be discharged and the output voltage will ramp from 0
at turn on.
Enable/Fault
The Enable/Fault pin is a multi−function, bidirectional pin
that can control the output of the chip as well as send
information to other devices regarding the state of the chip.
When this pin is low, the output of the fuse will be turned off.
When this pin is high the output of the fuse will be
turned−on. If a thermal fault occurs, this pin will be pulled
low to an intermediate level by an internal circuit.
To use as a simple enable pin, an open drain or open
collector device should be connected to this pin. Due to its
tri−state operation, it should not be connected to any type of
logic with an internal pullup device.
If the chip shuts down due to the die temperature reaching
its thermal limit, this pin will be pulled down to an
intermediate level. This signal can be monitored by an
external circuit to communicate that a thermal shutdown has
occurred. If this pin is tied to another device in this family
(NIS5132 or NIS5135), a thermal shutdown of one device
will cause both devices to disable their outputs. Both devices
will turn on once the fault is removed for the auto−retry
devices.
For the latching thermal device, the outputs will be
enabled after the enable pin has been pulled to ground with
an external switch and then allowed to go high or after the
input power has been recycled. For the auto retry devices,
both devices will restart as soon as the die temperature of the
device in shutdown has been reduced to the lower thermal
limit. The thermal options are listed in the ordering table.
Thermal Protection
The NIS5132 includes an internal temperature sensing
circuit that senses the temperature on the die of the power
FET. If the temperature reaches 175
°C, the device will shut
down, and remove power from the load. Output power can
be restored by either recycling the input power or toggling
the enable pin. Power will automatically be reapplied to the
load for auto−retry devices once the die temperature has
been reduced by 45
°C.
The thermal limit has been set high intentionally, to
increase the trip time during high power transient events. It
is not recommended to operate this device above 150
°C for
extended periods of time.
Figure 19. Fault/Enable Signal Levels


Similar Part No. - NIS5132_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN1TXG ONSEMI-NIS5132MN1TXG Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5132MN1TXG ONSEMI-NIS5132MN1TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132MN2TXG ONSEMI-NIS5132MN2TXG Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5132MN2TXG ONSEMI-NIS5132MN2TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
More results

Similar Description - NIS5132_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5132 ONSEMI-NIS5132 Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5420 ONSEMI-NIS5420 Datasheet
285Kb / 12P
   12 Volt Electronic Fuse
May, 2020 ??Rev. P2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com