Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8626 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8626
Description  Precision Low Power Single-Supply JFET Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626 Datasheet(HTML) 4 Page - Analog Devices

  AD8626 Datasheet HTML 1Page - Analog Devices AD8626 Datasheet HTML 2Page - Analog Devices AD8626 Datasheet HTML 3Page - Analog Devices AD8626 Datasheet HTML 4Page - Analog Devices AD8626 Datasheet HTML 5Page - Analog Devices AD8626 Datasheet HTML 6Page - Analog Devices AD8626 Datasheet HTML 7Page - Analog Devices AD8626 Datasheet HTML 8Page - Analog Devices AD8626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 4 of 20
ELECTRICAL CHARACTERISTICS
Table 2. @VS = ±13 V; VCM = 0 V; TA = 25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.35
0.75
mV
–40°C < TA < +85°C
1.35
mV
Input Bias Current
IB
0.25
1
pA
–40°C < TA < +85°C
60
pA
Input Offset Current
IOS
0.5
pA
–40°C < TA < +85°C
25
pA
Input Voltage Range
–13
+11
V
Common-Mode Rejection Ratio
CMRR
VCM = –13 V to +10 V
76
105
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = –11 V to +11 V
150
310
V/mV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +85°C
2.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
+12.92
V
VOH
IL = 2 mA, –40°C < TA < +85°C
+12.91
V
Output Voltage Low
VOL
–12.92
V
VOL
IL = 2 mA, –40°C < TA < +85°C
–12.91
V
Output Current
IOUT
±15
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ± 2.5 V to ± 13 V
80
104
dB
Supply Current/Amplifier
ISY
710
850
µA
–40°C < TA < +85°C
900
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
5
V/µs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
ØM
60
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2.5
µV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.5
fA/√Hz
Channel Separation
Cs
f = 1 kHz
105
dB


Similar Part No. - AD8626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8626 AD-AD8626 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8626ARMZ AD-AD8626ARMZ Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8626ARMZ-REEL AD-AD8626ARMZ-REEL Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8626ARZ AD-AD8626ARZ Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8626ARZ-REEL AD-AD8626ARZ-REEL Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
More results

Similar Description - AD8626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com